Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1147000000 Datasheet(PDF) 1 Page - Weidmuller

Part # 1147000000
Description  SL 5.08HC/14/180G 3.2SN OR BX
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1147000000 Datasheet(HTML) 1 Page - Weidmuller

  1147000000 Datasheet HTML 1Page - Weidmuller 1147000000 Datasheet HTML 2Page - Weidmuller 1147000000 Datasheet HTML 3Page - Weidmuller 1147000000 Datasheet HTML 4Page - Weidmuller 1147000000 Datasheet HTML 5Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data sheet
SL 5.08HC/14/180G 3.2SN OR BX
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
 
Product image
Pin headers in glass-fibre-reinforced plastic with straight
wire outlet; optimised for wave soldering. The flange vari-
ant (F) can be screwed onto the respective counter piece
or the circuit board. There is no need for an extra screw
to connect the circuit board when the solder flange (LF)
version is used. This also protects the solder points from
mechanical strain. All pin headers can be manually coded
or ordered pre-coded. HC = High Current.
General ordering data
 
Version
PCB plug-in connector, male header, closed side,
THT solder connection, 5.08 mm, Number of
poles: 14, 180°, Solder pin length (l): 3.2 mm,
tinned, orange, Box
Order No.
1147000000
Type
SL 5.08HC/14/180G 3.2SN OR BX
GTIN (EAN)
4032248934348
Qty.
50 items
Product data
IEC: 400 V / 24 A
UL: 300 V / 18.5 A
Packaging
Box
 
 
Creation date 27.02.2026 10:33:41 MEZ
 
Catalogue status / Drawings
1


Similar Part No. - 1147000000

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
114701 ADELS-114701 Datasheet
117Kb / 2P
900-07/ 1 DS
logo
Weidmuller
1147010000 WEIDMULLER-1147010000 Datasheet
632Kb / 6P
SL 5.08HC/15/90 3.2SN OR BX
logo
Adels-Contact
114702 ADELS-114702 Datasheet
118Kb / 2P
900-07/ 2 DS
logo
Weidmuller
1147020000 WEIDMULLER-1147020000 Datasheet
513Kb / 5P
SL 5.08HC/15/180G 3.2SN OR BX
logo
Adels-Contact
114703 ADELS-114703 Datasheet
119Kb / 2P
900-07/ 3 DS
More results

Similar Description - 1147000000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1581320000 WEIDMULLER-1581320000 Datasheet
93Kb / 4P
SL 5.00/2/180 3.2SN OR
1581330000 WEIDMULLER-1581330000 Datasheet
93Kb / 4P
SL 5.00/3/180 3.2SN OR
1597210000 WEIDMULLER-1597210000 Datasheet
92Kb / 4P
SL 3.5/2/90 3.2SN OR
1604770000 WEIDMULLER-1604770000 Datasheet
101Kb / 4P
SL 3.5/2/180 3.2SN OR
1625030000 WEIDMULLER-1625030000 Datasheet
93Kb / 3P
SL 7.62/2/180 3.2SN OR
1629020000 WEIDMULLER-1629020000 Datasheet
92Kb / 3P
SL 7.50/2/180 3.2SN OR
1630250000 WEIDMULLER-1630250000 Datasheet
87Kb / 4P
SL 5.00/2/135 3.2SN OR
1630260000 WEIDMULLER-1630260000 Datasheet
87Kb / 4P
SL 5.00/3/135 3.2SN OR
1862950000 WEIDMULLER-1862950000 Datasheet
188Kb / 11P
Pitch 3.81 mm (0.150 inch) SC-SMT 3.81/04/180G 3.2SN BK BX
1863020000 WEIDMULLER-1863020000 Datasheet
188Kb / 11P
Pitch 3.81 mm (0.150 inch) SC-SMT 3.81/06/180G 3.2SN BK BX
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com