Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27W064 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M27W064
Description  64 Mbit 4Mb x16 3V Supply FlexibleROM™ Memory
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27W064 Datasheet(HTML) 1 Page - STMicroelectronics

  M27W064 Datasheet HTML 1Page - STMicroelectronics M27W064 Datasheet HTML 2Page - STMicroelectronics M27W064 Datasheet HTML 3Page - STMicroelectronics M27W064 Datasheet HTML 4Page - STMicroelectronics M27W064 Datasheet HTML 5Page - STMicroelectronics M27W064 Datasheet HTML 6Page - STMicroelectronics M27W064 Datasheet HTML 7Page - STMicroelectronics M27W064 Datasheet HTML 8Page - STMicroelectronics M27W064 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1/23
PRELIMINARY DATA
November 2002
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
M27W064
64 Mbit (4Mb x16) 3V Supply FlexibleROM™ Memory
FEATURES SUMMARY
s
ONE TIME PROGRAMMABLE
s
SUPPLY VOLTAGE
–VCC = 2.7 to 3.6V for Read
–VPP = 11.4 to 12.6V for Program
s
ACCESS TIME
– 90ns at VCC = 3.0 to 3.6V
– 100, 110ns at VCC = 2.7 to 3.6V
s
PROGRAMMING TIME
– 9µs per Word typical
– Multiple Word Programming Option
(8s typical Chip Program)
s
SUITABLE FOR ON-BOARD PROGRAMMING
s
PROGRAM CONTROLLER
– Embedded Word Program algorithms
s
ELECTRONIC SIGNATURE
– Manufacturer Code: 0020h
– Device Code : 888Ah
Figure 1. Packages
TSOP48 (N)
12 x 20mm
SO44 (M)


Similar Part No. - M27W064

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27W016 STMICROELECTRONICS-M27W016 Datasheet
438Kb / 26P
16 Mbit 1Mb x16 3V Supply FlexibleROMTM Memory
05-Mar-2003
M27W016-100B1T STMICROELECTRONICS-M27W016-100B1T Datasheet
438Kb / 26P
16 Mbit 1Mb x16 3V Supply FlexibleROMTM Memory
05-Mar-2003
M27W016-100M1T STMICROELECTRONICS-M27W016-100M1T Datasheet
438Kb / 26P
16 Mbit 1Mb x16 3V Supply FlexibleROMTM Memory
05-Mar-2003
M27W016-100N1T STMICROELECTRONICS-M27W016-100N1T Datasheet
438Kb / 26P
16 Mbit 1Mb x16 3V Supply FlexibleROMTM Memory
05-Mar-2003
M27W016-100S1T STMICROELECTRONICS-M27W016-100S1T Datasheet
438Kb / 26P
16 Mbit 1Mb x16 3V Supply FlexibleROMTM Memory
05-Mar-2003
More results

Similar Description - M27W064

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27W032 STMICROELECTRONICS-M27W032 Datasheet
365Kb / 23P
32 Mbit 2Mb x16 3V Supply FlexibleROM™ Memory
09-May-2003
M28W640CT STMICROELECTRONICS-M28W640CT Datasheet
393Kb / 54P
64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
31-Oct-2001
M28W640ECT STMICROELECTRONICS-M28W640ECT Datasheet
838Kb / 55P
64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
29-Apr-2003
M29KW064E STMICROELECTRONICS-M29KW064E Datasheet
233Kb / 30P
64 Mbit 4Mb x16, Uniform Block 3V Supply LightFlash™ Memory
23-Jul-2002
M29W641DH STMICROELECTRONICS-M29W641DH Datasheet
641Kb / 42P
64 Mbit 4Mb x16, Uniform Block 3V Supply Flash Memory
08-Apr-2003
M58LW64D STMICROELECTRONICS-M58LW64D Datasheet
783Kb / 50P
64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
02-Sep-2004
M59PW064 STMICROELECTRONICS-M59PW064 Datasheet
457Kb / 24P
64 Mbit (4Mb x16, Uniform Block) 3V Supply LightFlash Memory
15-Mar-2005
M28W640FCB STMICROELECTRONICS-M28W640FCB Datasheet
1Mb / 55P
64 Mbit (4Mb x16, Boot Block) 3V Supply Flash Memory
08-Apr-2005
logo
Numonyx B.V
M29W640GH NUMONYX-M29W640GH Datasheet
1Mb / 90P
64 Mbit (8Mb x8 or 4Mb x16, Page) 3V supply Flash memory
logo
STMicroelectronics
M58LW064C STMICROELECTRONICS-M58LW064C Datasheet
301Kb / 61P
64 Mbit (4Mb x16, Uniform Block, Burst) 3V Supply Flash Memory
16-Dec-2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com