Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27W064 Datasheet(PDF) 19 Page - STMicroelectronics

Part # M27W064
Description  64 Mbit 4Mb x16 3V Supply FlexibleROM™ Memory
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27W064 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M27W064 Datasheet HTML 15Page - STMicroelectronics M27W064 Datasheet HTML 16Page - STMicroelectronics M27W064 Datasheet HTML 17Page - STMicroelectronics M27W064 Datasheet HTML 18Page - STMicroelectronics M27W064 Datasheet HTML 19Page - STMicroelectronics M27W064 Datasheet HTML 20Page - STMicroelectronics M27W064 Datasheet HTML 21Page - STMicroelectronics M27W064 Datasheet HTML 22Page - STMicroelectronics M27W064 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
19/23
M27W064
PACKAGE MECHANICAL
Figure 12. SO44 - 44 lead Plastic Small Outline, 500 mils body width, Package Outline
Note: Drawing is not to scale.
Table 13. SO44 - 44 lead Plastic Small Outline, 500 mils body width, Package Mechanical Data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
3.00
0.118
A1
0.10
0.004
A2
2.69
2.56
2.79
0.106
0.101
0.110
b
0.35
0.50
0.014
0.020
c
0.18
0.28
0.007
0.011
D
28.50
28.37
28.63
1.122
1.117
1.127
ddd
0.10
0.004
E
16.03
15.77
16.28
0.631
0.621
0.641
E1
12.60
12.47
12.73
0.496
0.491
0.501
e
1.27
–
–
0.050
–
–
L
0.79
0.031
L1
1.73
0.068
θ
8°
8°
N44
44
E1
44
e
D
c
E
1
22
23
b
SO-F
L
A1
A
ddd
A2
θ
L1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com