Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7217 Datasheet(PDF) 2 Page - LSI Computer Systems

Part # LS7217
Description  PROGRAMMABLE LIGHT-ACTIVATED TIMER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7217 Datasheet(HTML) 2 Page - LSI Computer Systems

  LS7217 Datasheet HTML 1Page - LSI Computer Systems LS7217 Datasheet HTML 2Page - LSI Computer Systems LS7217 Datasheet HTML 3Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
7217-012608-2
FIGURE 2. TYPICAL LANDSCAPE LIGHTING APPLICATION SCHEMATIC
D1 = 1N4004
R1 = 1kΩ
D2 = 1N4004
R2 = 220kΩ
C1 = 220uF, 25V
R3 = 25kΩ
C2 = 470pF, 10V
R4 =
Silonex NSL-19M51 (Typical)
Q1 = 2N3904 (Typical)
Note: All resistors, 1/4W
10VAC - 15VAC
From
Transformer
Time
Select
50/60Hz
Select
10VAC -15VAC
to Light Bulbs
3
4 5 8 2 7
6
1
LS7217
+
C1
-
R3
R4
D1
R2
C2
R1
MOV
K1
D2
Q1
LDR



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com