Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7217 Datasheet(PDF) 1 Page - LSI Computer Systems

Part # LS7217
Description  PROGRAMMABLE LIGHT-ACTIVATED TIMER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7217 Datasheet(HTML) 1 Page - LSI Computer Systems

  LS7217 Datasheet HTML 1Page - LSI Computer Systems LS7217 Datasheet HTML 2Page - LSI Computer Systems LS7217 Datasheet HTML 3Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PROGRAMMABLE LIGHT-ACTIVATED TIMER
January 2008
FEATURES:
• Input interface to Photo Resistor
• Programmable Duration Selection
• Shunt regulator
• 50Hz / 60Hz time base selection
• Relay Driver output
• 6.0V ± 0.75V operating voltage range (VDD - VSS)
• LS7217 (DIP), LS7217-S (SOIC)
- See Figure 1 -
APPLICATIONS
Lighting control for low voltage landscape lighting, etc.
DESCRIPTION
The LS7217 is a Programmable Timer IC designed to turn on
a relay at night and turn off the relay at dawn or after a select-
able number of hours. Figure 2 shows a typical application
schematic. The circuit is powered from a step-down trans-
former and the output drives low-voltage AC loads such as in-
candescent light bulbs.
PIN DESCRIPTION:
The following describes the operation of the inputs and out-
puts of the IC.
VDD (Pin 2)
VDD is the supply voltage positive terminal. It is regulated in-
ternally in the IC. The
internal voltage regulator produces
6.0V ± 0.75V. A series resistor is required to limit current into
the regulator from 5mA to 10mA over the full transformer op-
erating voltage range.
VSS (Pin 6)
VSS is the supply voltage negative terminal.
50Hz / 60 Hz SELECT Input (Pin 8)
A
high at this at this input selects the correct timing for 50Hz
operation.
Floating this input selects the correct timing for
60Hz operation. A l
ow at this input places the LS7217 into
Test Mode where the timeouts are accelerated by a factor of
60.
50Hz / 60 Hz Input (Pin 7)
This input is the clock source for all timing functions. This in-
put accepts a 9VAC to 16VAC input voltage. An external
dropping resistor of 220k Ohms is needed to limit current.
This input has a Schmitt trigger to ensure a clean internal
clock waveform.
TIME SELECT Inputs TS1, TS2 (Pins 4, 5)
The two Select inputs determine the time duration that the
Relay output stays on after the photocell goes low. Both in-
puts have internal pulldown transistors so that float is logic
zero and connection to VDD is logic 1. The Time Select Ta-
ble is as follows:
Time Select1 Time Select2 Time Duration
0
0
4 Hours
0
1
6 Hours
1
0
8 Hours
1
1
Dusk -to-Dawn
Dusk to Dawn duration is determined solely by the photo-
cell; i.e., the Relay output is on whenever the photocell
recognizes an ambient dark condition.
PHOTO RESISTOR Input (Pin 3)
The photo resistor input has hysteresis for a postiive trip
point. The input will work with a photo resistor connected
between the input and VDD. The photo resistor provides a
low impedance in the presence of ambient light and a high
impedance in the presence of ambient darkness.
The IC is configured so that detection of a
light condition
must remain for 6.0 seconds (± 0.5 seconds) continuously
in order to be recognized as a
valid light condition. A
dark condition must remain for 1.0 seconds (± 0.25 sec-
onds) continuously in order to be recognized as a
valid
dark condition.
RELAY Output (Pin 1)
This output is configured to drive the base of an external
NPN transistor (see Figure 2).
7217-012608-1
LSI/CSI
LSI Computer Systems, Inc. 1235 Walt Whitman Road, Melville, NY 11747 (631) 271-0400 FAX (631) 271-0405
LS7217
UL
®
A3800
1
2
3
4
8
7
6
5
50Hz / 60Hz
Time Select1
Time Select2
VSS (-V )
V DD (+V )
Relay OUT
50Hz / 60Hz Select
Photo Resistor
FIGURE 1
PIN ASSIGNMENT
TOP VIEW


Similar Part No. - LS7217

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7217 LSI-LS7217_14 Datasheet
262Kb / 6P
PHOTO CONTROLLED OUTDOOR LIGHTING WITH PROGRAMMABLE TIMER
More results

Similar Description - LS7217

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14541B ONSEMI-MC14541B Datasheet
195Kb / 8P
Programmable Timer
March, 2000 ??Rev. 6
logo
NXP Semiconductors
HEF4541B PHILIPS-HEF4541B Datasheet
144Kb / 8P
Programmable timer
January 1995
logo
Fairchild Semiconductor
CD4541BC FAIRCHILD-CD4541BC Datasheet
77Kb / 8P
Programmable Timer
logo
LSI Computer Systems
LS7338 LSI-LS7338 Datasheet
45Kb / 5P
DELAYED-OFF LIGHT SWITCH WITH PROGRAMMABLE ON-TIMER
logo
National Semiconductor ...
CD4541BC NSC-CD4541BC Datasheet
137Kb / 6P
Programmable Timer
logo
Motorola, Inc
MC14536B MOTOROLA-MC14536B Datasheet
333Kb / 13P
PROGRAMMABLE TIMER
logo
ON Semiconductor
MC14536B ONSEMI-MC14536B_06 Datasheet
150Kb / 14P
Programmable Timer
April, 2006 ??Rev. 9
logo
Fairchild Semiconductor
CD4541BC FAIRCHILD-CD4541BC_02 Datasheet
86Kb / 8P
Programmable Timer
logo
Unisonic Technologies
CD4541 UTC-CD4541_12 Datasheet
262Kb / 7P
PROGRAMMABLE TIMER
logo
SELEC Controls Pvt. Ltd
XT532 SELEC-XT532 Datasheet
135Kb / 2P
PROGRAMMABLE TIMER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com