Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27W400 Datasheet(PDF) 11 Page - STMicroelectronics

Part # M27W400
Description  4 Mbit 512Kb x8 or 256Kb x16 Low Voltage UV EPROM and OTP EPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27W400 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M27W400 Datasheet HTML 7Page - STMicroelectronics M27W400 Datasheet HTML 8Page - STMicroelectronics M27W400 Datasheet HTML 9Page - STMicroelectronics M27W400 Datasheet HTML 10Page - STMicroelectronics M27W400 Datasheet HTML 11Page - STMicroelectronics M27W400 Datasheet HTML 12Page - STMicroelectronics M27W400 Datasheet HTML 13Page - STMicroelectronics M27W400 Datasheet HTML 14Page - STMicroelectronics M27W400 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11/15
M27W400
Table 11. Ordering Information Scheme
Note: 1. High Speed, see AC Characteristics section for further information.
2. This speed also guarantees 80ns access time at VCC = 3.0 to 3.6V.
3. For Ceramic Package please contact our Sales Office.
For a list of available options (Speed, Package, etc...) or for further information on any aspect of this de-
vice, please contact the STMicroelectronics Sales Office nearest to you.
Example:
M27W400
-100 X
F
6
TR
Device Type
M27
Supply Voltage
W = 2.7 to 3.6V
Device Function
400 = 4 Mbit (512Kb x8 or 256Kb x16)
Speed
-100(1,2) = 100 ns
-120 = 120ns
VCC Tolerance
blank = ± 10%
X = ± 5%
Package
F = FDIP40W (3)
B = PDIP40
K = PLCC44
Temperature Range
6 = –40 to 85 °C
Options
TR = Tape & Reel Packing
Table 1. Revision History
Date
Revision Details
November 1999
First Issue
01/19/00
From TARGET SPECIFICATION to DATA SHEET
120ns speed class added
Temperature Range 1 removed
Note 3 added (Table 11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com