Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27W400 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M27W400
Description  4 Mbit 512Kb x8 or 256Kb x16 Low Voltage UV EPROM and OTP EPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27W400 Datasheet(HTML) 1 Page - STMicroelectronics

  M27W400 Datasheet HTML 1Page - STMicroelectronics M27W400 Datasheet HTML 2Page - STMicroelectronics M27W400 Datasheet HTML 3Page - STMicroelectronics M27W400 Datasheet HTML 4Page - STMicroelectronics M27W400 Datasheet HTML 5Page - STMicroelectronics M27W400 Datasheet HTML 6Page - STMicroelectronics M27W400 Datasheet HTML 7Page - STMicroelectronics M27W400 Datasheet HTML 8Page - STMicroelectronics M27W400 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1/15
January 2000
M27W400
4 Mbit (512Kb x8 or 256Kb x16)
Low Voltage UV EPROM and OTP EPROM
s
2.7 to 3.6V LOW VOLTAGE in READ
OPERATION
s
READ ACCESS TIME:
–80ns at VCC = 3.0 to 3.6V
– 100ns at VCC = 2.7 to 3.6V
s
BYTE-WIDE or WORD-WIDE
CONFIGURABLE
s
4 Mbit MASK ROM REPLACEMENT
s
LOW POWER CONSUMPTION
– Active Current 20mA at 8MHz
– Stand-by Current 15µA
s
PROGRAMMING VOLTAGE: 12.5V ± 0.25V
s
PROGRAMMING TIME: 50µs/word
s
ELECTRONIC SIGNATURE
– Manufacturer Code: 20h
– Device Code: B8h
DESCRIPTION
The M27W400 is a low voltage 4 Mbit EPROM of-
fered in the two range UV (Ultra Violet Erase) and
OTP (one time programmable). It is ideally suited
for microprocessor systems requiring large data or
program storage. It is organised as either 512
Kwords of 8 bit or 256 Kwords of 16 bit. The pin-
out is compatible with the most common 4 Mbit
Mask ROM.
The M27W400 operates in the read mode with a
supply voltage as low as 2.7V at –40 to 85°C tem-
perature range. The decrease in operating power
allows either a reduction of the size of the battery
or an increase in the time between battery re-
charges.
The FDIP40W (window ceramic frit-seal package)
has a transparent lid which allows the user to ex-
pose the chip to ultraviolet light to erase the bit pat-
tern. A new pattern can then be written to the
device by following the programming procedure.
For application where the content is programmed
only one time and erasure is not required, the
M27W400 is offered in PDIP40 and PLCC44 pack-
ages.
1
40
1
40
FDIP40W (F)
PDIP40 (B)
PLCC44 (K)
Figure 1. Logic Diagram
AI03096
18
A0-A17
BYTEVPP
Q0-Q14
VCC
M27W400
G
E
VSS
15
Q15A–1


Similar Part No. - M27W400

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27W401 STMICROELECTRONICS-M27W401 Datasheet
102Kb / 15P
4 Mbit 512Kb x 8 Low Voltage UV EPROM and OTP EPROM
10-Mar-2000
M27W401 STMICROELECTRONICS-M27W401 Datasheet
211Kb / 23P
4 Mbit (512Kb x 8) Low Voltage UV EPROM and OTP EPROM
21-Apr-2006
M27W401-100B6 STMICROELECTRONICS-M27W401-100B6 Datasheet
211Kb / 23P
4 Mbit (512Kb x 8) Low Voltage UV EPROM and OTP EPROM
21-Apr-2006
M27W401-100B6TR STMICROELECTRONICS-M27W401-100B6TR Datasheet
102Kb / 15P
4 Mbit 512Kb x 8 Low Voltage UV EPROM and OTP EPROM
10-Mar-2000
M27W401-100F6 STMICROELECTRONICS-M27W401-100F6 Datasheet
211Kb / 23P
4 Mbit (512Kb x 8) Low Voltage UV EPROM and OTP EPROM
21-Apr-2006
More results

Similar Description - M27W400

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C400 STMICROELECTRONICS-M27C400 Datasheet
121Kb / 14P
4 Mbit (512Kb x8 or 256Kb x16) UV EPROM and OTP EPROM
May-1999
M27C800 STMICROELECTRONICS-M27C800 Datasheet
171Kb / 18P
8 Mbit 1Mb x8 or 512Kb x16 UV EPROM and OTP EPROM
10-Dec-2001
M27V400 STMICROELECTRONICS-M27V400 Datasheet
117Kb / 14P
4 Mbit (512Kb x8 or 256Kb x16) UV EPROM and OTP EPROM
M27V401 STMICROELECTRONICS-M27V401 Datasheet
103Kb / 15P
4 Mbit (512Kb x8) Low Voltage UV EPROM and OTP EPROM
M27V800 STMICROELECTRONICS-M27V800 Datasheet
108Kb / 16P
8 Mbit 1Mb x8 or 512Kb x16 Low Voltage UV EPROM and OTP EPROM
Sep-1998
M27W402 STMICROELECTRONICS-M27W402 Datasheet
103Kb / 15P
4 Mbit 256Kb x16 Low Voltage UV EPROM and OTP EPROM
15-Mar-2000
M27C4002 STMICROELECTRONICS-M27C4002 Datasheet
196Kb / 18P
4 Mbit (256Kb x16) UV EPROM and OTP EPROM
30-Aug-2001
M27C4002 STMICROELECTRONICS-M27C4002_06 Datasheet
225Kb / 24P
4 Mbit (256Kb x16) UV EPROM and OTP EPROM
06-Apr-2006
M27V160 STMICROELECTRONICS-M27V160_06 Datasheet
238Kb / 25P
16 Mbit (2Mb x8 or 1Mb x16) Low Voltage UV EPROM and OTP EPROM
12-Apr-2006
M27C4002-10C1 STMICROELECTRONICS-M27C4002-10C1 Datasheet
236Kb / 24P
4 Mbit (256Kb x16) UV EPROM and OTP EPROM
06-Apr-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com