Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESMMC64 Datasheet(PDF) 4 Page - Eorex Corporation

Part # ESMMC64
Description  64MB/128MB/256MB/512MB MultiMediaCard?
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

ESMMC64 Datasheet(HTML) 4 Page - Eorex Corporation

  ESMMC64 Datasheet HTML 1Page - Eorex Corporation ESMMC64 Datasheet HTML 2Page - Eorex Corporation ESMMC64 Datasheet HTML 3Page - Eorex Corporation ESMMC64 Datasheet HTML 4Page - Eorex Corporation ESMMC64 Datasheet HTML 5Page - Eorex Corporation ESMMC64 Datasheet HTML 6Page - Eorex Corporation ESMMC64 Datasheet HTML 7Page - Eorex Corporation ESMMC64 Datasheet HTML 8Page - Eorex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
64MB/128MB/256MB/512MB MultiMediaCardTM
Eorex Corporation
www.eorex.com
4/8
Temperature Characteristic
Parameter
Min
Max
Unit
Storage temperature
-40
85
℃
Operating temperature
-25
85
℃
Junction temperature
-20
95
℃
Electrical Characteristics
1. Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Unit
Remark
Supply voltage
Vcc
-0.5
4.6
V
Total power dissipation
0.2
W
ESD protection
-4
4
KV
Human body model
Input voltage
VImax
-0.5
Vcc+0.5
V
≦
max(Vcc)
Output voltage
VOmax
-0.5
Vcc+0.5
V
≦
max(Vcc)
High-level output current
VOHmax
-100
mA
Short cut protected
Low-level output current
IOHmax
150
mA
Short cut protected
2. Bus Signal Line Load
The total capacitance CL of each line of the MultiMediaCard
TM bus is the sum of the bus
master capacitance CHOST, the bus capacitance CBUS itself and the capacitance CCARD of
each card connected to this line:
CL = CHOST + CBUS + N*CCARD
Where N is the number of connected cards. Requiring the sum of the host and bus
capacitance’s not to exceed 30pF for up to 10 cards, and 40pF up to 30 cards, the following
values must not be exceeded:
Parameter
Symbol
Min
Max
Unit
Remark
Pull-up resistance for CMD
RCMD
4.7
100
KΩ
To prevent bus floating
Pull-up resistance for DAT
RDAT
50
100
KΩ
To prevent bus floating
Bus signal line capacitance
CL
250
pF
fpp≦5MHz, 30 cards
Bus signal line capacitance
CL
100
pF
fpp≦20MHz, 10 cards
Signal card capacitance
CCARD
7
pF
Maximum signal line inductance
16
nH
fpp≦20MHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com