Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESMMC64 Datasheet(PDF) 5 Page - Eorex Corporation

Part # ESMMC64
Description  64MB/128MB/256MB/512MB MultiMediaCard?
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

ESMMC64 Datasheet(HTML) 5 Page - Eorex Corporation

  ESMMC64 Datasheet HTML 1Page - Eorex Corporation ESMMC64 Datasheet HTML 2Page - Eorex Corporation ESMMC64 Datasheet HTML 3Page - Eorex Corporation ESMMC64 Datasheet HTML 4Page - Eorex Corporation ESMMC64 Datasheet HTML 5Page - Eorex Corporation ESMMC64 Datasheet HTML 6Page - Eorex Corporation ESMMC64 Datasheet HTML 7Page - Eorex Corporation ESMMC64 Datasheet HTML 8Page - Eorex Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
64MB/128MB/256MB/512MB MultiMediaCardTM
Eorex Corporation
www.eorex.com
5/8
3. Recommend Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Remark
Supply voltage
VCC
2.7
3.0
3.6
V
Low-level input current
VIL
VSS-0.3
0.25VCC
V
Inputs
High-level input current
VIH
0.625VCC
VCC+0.3
V
High-level output current
IOH
-2
mA
Outputs
Low-level output current
IOL
6
mA
Clock
Clock frequency data
transfer mode (pp)
fpp
0
20
MHz
CL<100pF,(10 cards)
Clock frequency ident.
Mode (od)
fOD
0
400
KHz
Clock cycle time data
transfer mode (pp)
Tpp =
1/fpp
50
ns
Clock cycle time ident.
Mode (od)
tOD =
1/fOD
2.5
µs
Clock low time
tWL
10
ns
CL<100pF,(10 cards)
Clock high time
tWH
10
ns
CL<100pF,(10 cards)
Clock input rise time
tLH
10
ns
CL<100pF,(10 cards)
Clock input fall time
tHL
10
ns
CL<100pF,(10 cards)
Clock low time
tWL
50
ns
CL<250pF,(30 cards)
Clock high time
tWH
50
mA
CL<250pF,(30 cards)
Clock input rise time
tLH
50
mA
CL<250pF,(30 cards)
Input clk
Clock input fall time
tHL
50
MHz
CL<250pF,(30 cards)
4. Recommend Bus Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Remark
Clock
Pull-up resistance for CMD
RCMD
4.7
100
KΩ
To prevent bus floating
Pull-up resistance for DAT
RDAT
50
100
KΩ
To prevent bus floating
250
pF
fpp≦5MHz, 30 cards
Bus signal line capacitance
CL
100
pF
fpp≦20MHz, 10 cards
Input clk
Maximum signal line inductance
16
nH
fpp≦20MHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com