Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP3102 Datasheet(PDF) 2 Page - Eorex Corporation

Part # EP3102
Description  150 KHz, 2A Asynchronous Step-down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EP3102 Datasheet(HTML) 2 Page - Eorex Corporation

  EP3102 Datasheet HTML 1Page - Eorex Corporation EP3102 Datasheet HTML 2Page - Eorex Corporation EP3102 Datasheet HTML 3Page - Eorex Corporation EP3102 Datasheet HTML 4Page - Eorex Corporation EP3102 Datasheet HTML 5Page - Eorex Corporation EP3102 Datasheet HTML 6Page - Eorex Corporation EP3102 Datasheet HTML 7Page - Eorex Corporation EP3102 Datasheet HTML 8Page - Eorex Corporation EP3102 Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
eorex
EP3102
Nov. 2006
www.eorex.com
2/10
Pin Assignment
Ordering Information
Buck Regulator
Package
VOUT
Packing
EP3102 -X X X
S : SOP-8L
Blank: Adj
50 = 5.0V
33 = 3.3V
12 = 12V
R: Taping & Reel
B: Bag
Pin Description
Pin
Name
Function
1
VIN
This is the positive input supply for the IC switching regulator. A suitable
input bypass capacitor must be present at this pin to minimize voltage
transients and to supply the switching currents needed by the regulator.
2
SW
Internal switch. The voltage at this pin switches between (+VIN-VSAT) and
approximately-0.5V, with a duty cycle of approximately VOUT/VIN. To
minimize coupling to sensitive circuitry, the PC board copper area
connected to this pin should be kept a minimum.
3
FB
Senses the regulated output voltage to complete the feedback loop.
4
EN
Low enable. Allows the switching regulator circuit to be shutdown using
logic level signals thus dropping the total input supply current to
approximately 150uA. Pulling this pin below a threshold voltage of
approximately 1.3V turns the regulator on, and pulling this pin above
1.3V (up to a maximum of 40V) shuts the regulator down. If this
shutdown feature is not needed, the EN pin can be wired to the ground
pin or it can be left open, in either case the regulator will be in the ON
condition.
5~8
GND
Circuit ground.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com