Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP3102 Datasheet(PDF) 4 Page - Eorex Corporation

Part # EP3102
Description  150 KHz, 2A Asynchronous Step-down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EP3102 Datasheet(HTML) 4 Page - Eorex Corporation

  EP3102 Datasheet HTML 1Page - Eorex Corporation EP3102 Datasheet HTML 2Page - Eorex Corporation EP3102 Datasheet HTML 3Page - Eorex Corporation EP3102 Datasheet HTML 4Page - Eorex Corporation EP3102 Datasheet HTML 5Page - Eorex Corporation EP3102 Datasheet HTML 6Page - Eorex Corporation EP3102 Datasheet HTML 7Page - Eorex Corporation EP3102 Datasheet HTML 8Page - Eorex Corporation EP3102 Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
eorex
EP3102
Nov. 2006
www.eorex.com
4/10
Note 1:
Absolute Maximum Ratings are those values beyond which the life of a device may be impaired.
Note 2:
100% production test at +25°C. Specifications over the temperature range are guaranteed by
design and characterization.
Electrical Characteristics (Continued)
Symbol
Parameter
Conditions
Typ.
Limit
Units
VFB
Output Feedback
5V<VIN<40V
0.2A<ILOAD<2A
VOUT programmed for 3V
1.235
1.193/1.18
1.267/1.28
V
VMIN
VMAX
η
Efficiency
EP3102-ADJ
VIN=12V, ILOAD=2A
75
%
VOUT
Output Voltage
5.5V<VIN<40V
0.2A<ILOAD<2A
3.3
3.168/3.135
3.432/3.465
V
VMIN
VMAX
η
Efficiency
EP3102-3.3V
VIN=12V, ILOAD=2A
75
%
VOUT
Output Voltage
8V<VIN<40V
0.2A<ILOAD<2A
5
4.8/4.75
5.2/5.25
V
VMIN
VMAX
η
Efficiency
EP3102-5V
VIN=12V, ILOAD=2A
80
%
VOUT
Output Voltage
15V<VIN<40V
0.2A<ILOAD<2A
12
11.52/11.4
12.48/12.6
V
VMIN
VMAX
η
Efficiency
EP3102-12V
VIN=15V, ILOAD=2A
90
%
P.S.
Specifications with boldface type are for full operating temperature range, the other type are for
TJ=25ºC.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com