Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBB0207 Datasheet(PDF) 1 Page - Nova Electric. All Rights Reserved.

Part # MBB0207
Description  COMP-CARD®-System
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NOVA [Nova Electric. All Rights Reserved.]
Direct Link  https://novaelectric.com/
Logo NOVA - Nova Electric. All Rights Reserved.

MBB0207 Datasheet(HTML) 1 Page - Nova Electric. All Rights Reserved.

  MBB0207 Datasheet HTML 1Page - Nova Electric. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
COMP-CARD®-System
CBR-12
__________________________________________________________________________________
Nova Elektronik GmbH, Sachsstr. 6, 50259 Pulheim
www.nova-elektronik.de
For any questions, please contact Info@nova-elektronik.de
Rev.03 24.05.17
Metalfilm-Resistors 0207
48 Values / 1.480 Pieces
Value-Quantity-Selection Flap 1
40 x 10R
20 x 15R
20 x 22R
20 x 33R
20 x 47R
20 x 68R
40 x 100R
40 x 150R
20 x 180R
40 x 220R
20 x 270R
40 x 330R
20 x 390R
40 x 470R
20 x 560R
40 x 680R
Value-Quantity-Selection Flap 2
20 x 820R
40 x 1K0
20 x 1K2
40 x 1K5
20 x 1K8
40 x 2K2
20 x 2K7
40 x 3K3
20 x 3K9
40 x 4K7
20 x 5K6
40 x 6K8
20 x 8K2
40 x 10K
20 x 12K
40 x 15K
Value-Quantity-Selection Flap 3
20 x 18K
40 x 22K
20 x 27K
40 x 33K
20 x 39K
40 x 47K
20 x 56K
40 x 68K
20 x 82K
40 x 100K
40 x 150K
40 x 220K
40 x 330K
40 x 470K
40 x 680K
40 x 1M0
Nova Article No.
CBR-12
Brand of Components
Vishay BC
Type
MBB 0207
Size
0207 (ø2,5 x 6,3mm)
Ohm Values
10R-1M (E6/E12)
Rated Power
0,6W
Tolerance
±1%
Temperature coefficient
±50ppm/°K
Number of Values
48
Quantity per Value
see Value-Quantity-Selection
Total Quantity
1.480
Ring Binder
No
Flap
3 x FL16/10


Similar Part No. - MBB0207

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBB0207 VISHAY-MBB0207 Datasheet
294Kb / 9P
Lead (Pb)-Free Precision Leaded Resistors
20-Sep-05
logo
List of Unclassifed Man...
MBB0207 ETC2-MBB0207 Datasheet
904Kb / 16P
Professional leaded resistors
logo
Vishay Siliconix
MBB0207 VISHAY-MBB0207 Datasheet
187Kb / 13P
Professional Thin Film Leaded Resistors
03-Dec-12
MBB0207 VISHAY-MBB0207 Datasheet
187Kb / 13P
Professional Thin Film Leaded Resistors
03-Dec-12
MBB0207 VISHAY-MBB0207 Datasheet
187Kb / 13P
Professional Thin Film Leaded Resistors
03-Dec-12
More results

Similar Description - MBB0207

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PAM25DF25K33 PROTEC-PAM25DF25K33 Datasheet
515Kb / 6P
5000 watt TVS Comp onent
logo
E-SWITCH
B040500 E-SWITCH-B040500 Datasheet
15Kb / 1P
320.05 CAP BLACK (COMP)
B040501 E-SWITCH-B040501 Datasheet
15Kb / 1P
320.05 CAP WHT (COMP)
logo
TEKTRONIX, INC.
2600B TEKTRONIX-2600B_V01 Datasheet
2Mb / 36P
2600B System SourceMeter® SMU Instruments
2022
logo
Amphenol Communications...
CEM-5 AMPHENOLCS-CEM-5 Datasheet
362Kb / 3P
Minitek® Pwr CEM-5 PCIe® Connector System
logo
BCM Advanced Research.
EPC-APL BCM-EPC-APL Datasheet
394Kb / 1P
Intel® Pentium® N4200/ Celeron® N3350 Processor Fanless Tiny System
07/25/2018
logo
AAEON Technology
UPN-EDGE-EHLCN2-A10-0232 AAEON-UPN-EDGE-EHLCN2-A10-0232 Datasheet
798Kb / 2P
UP Squared 6000 System with Intel® Atom® x6000E Pentium® Celeron® Processor SoC
2022/11/01
UPS-EDGE-EHLCN2-A10-0232 AAEON-UPS-EDGE-EHLCN2-A10-0232 Datasheet
580Kb / 2P
UP Squared V2 System with Intel® Pentium® Celeron® Processor SoC
2023/04/25
logo
Entegris, Inc
PROE-VAP100 ENTEGRIS-PROE-VAP100 Datasheet
750Kb / 2P
ProE-Vap® 100 Delivery System
PROE-VAP200 ENTEGRIS-PROE-VAP200 Datasheet
248Kb / 2P
ProE-Vap® 200 Delivery System
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com