Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP24N50LP Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP24N50LP
Description  500V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP24N50LP Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP24N50LP Datasheet HTML 1Page - A POWER MICROELECTRONICS AP24N50LP Datasheet HTML 2Page - A POWER MICROELECTRONICS AP24N50LP Datasheet HTML 3Page - A POWER MICROELECTRONICS AP24N50LP Datasheet HTML 4Page - A POWER MICROELECTRONICS AP24N50LP Datasheet HTML 5Page - A POWER MICROELECTRONICS AP24N50LP Datasheet HTML 6Page - A POWER MICROELECTRONICS AP24N50LP Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP24N50LP
500V N-Channel Enhancement Mode MOSFET
AP24N50LP REV1.0
永源微電子科技有限公司
Description
The AP24N50LP is silicon N-channel Enhanced
VDMOSFETs, is obtained by the self-aligned planar Technology
which reduce the conduction loss, improve switching
performance and enhance the avalanche energy. The transistor
can be used in various power switching circuit for system
miniaturization and higher efficiency.
General Features
VDS=500V ID=24A
RDS(ON) < 280mΩ @ VGS=10V (Type:220mΩ)
Application
Uninterruptible Power Supply(UPS)
Power Factor Correction (PFC)
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP24N50LP
TO-247S-3L
AP24N50LP XXX YYYY
360
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Parameter
Value
Unit
VDSS
Drain-Source Voltage (VGS = 0V)
500
V
ID@TC=25℃
Continuous Drain Current, VGS @ 10V
24
A
ID@TC=100℃
Continuous Drain Current, VGS @ 10V
16
A
IDM
Pulsed Drain Current
(note1)
100
A
VGS
Gate-Source Voltage
±30
V
EAS
Single Pulse Avalanche Energy
866
mJ
IAS
Avalanche Current
18
A
PD
Power Dissipation (TC = 25ºC)
280
W
TJ, Tstg
Operating Junction and Storage Temperature Range
-55~+150
ºC
RthJC
Thermal Resistance, Junction-to-Case
0.5
ºC/W
RthJA
Thermal Resistance, Junction-to-Ambient
45
ºC/W


Similar Part No. - AP24N50LP

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP24N50F APME-AP24N50F Datasheet
1Mb / 7P
500V N-Channel Enhancement Mode MOSFET
AP24N50MP APME-AP24N50MP Datasheet
1Mb / 7P
500V N-Channel Enhancement Mode MOSFET
AP24N50P APME-AP24N50P Datasheet
1Mb / 7P
500V N-Channel Enhancement Mode MOSFET
AP24N50T APME-AP24N50T Datasheet
1Mb / 7P
500V N-Channel Enhancement Mode MOSFET
More results

Similar Description - AP24N50LP

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJP13N50 PANJIT-PJP13N50 Datasheet
201Kb / 5P
500V N-Channel Enhancement Mode MOSFET
PJP830 PANJIT-PJP830 Datasheet
216Kb / 6P
500V N-Channel Enhancement Mode MOSFET
PJP840 PANJIT-PJP840 Datasheet
183Kb / 5P
500V N-Channel Enhancement Mode MOSFET
logo
HY ELECTRONIC CORP.
HY5N50T HY-HY5N50T Datasheet
151Kb / 4P
500V / 5A N-Channel Enhancement Mode MOSFET
HY8N50T HY-HY8N50T Datasheet
129Kb / 4P
500V / 8.0A N-Channel Enhancement Mode MOSFET
HY13N50T HY-HY13N50T Datasheet
150Kb / 4P
500V / 13A N-Channel Enhancement Mode MOSFET
HY18N50W HY-HY18N50W Datasheet
299Kb / 4P
500V / 18A N-Channel Enhancement Mode MOSFET
logo
Jiangsu Donghai Semicon...
15N50 WXDH-15N50 Datasheet
1Mb / 12P
15A 500V N-channel Enhancement Mode Power MOSFET
830 WXDH-830 Datasheet
1Mb / 12P
5A 500V N-channel Enhancement Mode Power MOSFET
830WB WXDH-830WB Datasheet
1Mb / 12P
5A 500V N-channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com