Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP24N50LP Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP24N50LP
Description  500V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP24N50LP Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP24N50LP Datasheet HTML 1Page - A POWER MICROELECTRONICS AP24N50LP Datasheet HTML 2Page - A POWER MICROELECTRONICS AP24N50LP Datasheet HTML 3Page - A POWER MICROELECTRONICS AP24N50LP Datasheet HTML 4Page - A POWER MICROELECTRONICS AP24N50LP Datasheet HTML 5Page - A POWER MICROELECTRONICS AP24N50LP Datasheet HTML 6Page - A POWER MICROELECTRONICS AP24N50LP Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP24N50LP
500V N-Channel Enhancement Mode MOSFET
AP24N50LP REV1.0
永源微電子科技有限公司
Electrical Characteristics (TJ=25℃, unless otherwise noted)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-Source Breakdown Voltage
ID = 250mA, VGS = 0V
500
-
-
V
IDSS
Zero Gate Voltage Drain Current
VDS = 500V, VGS = 0V
-
-
1.0
mA
IGSS
Gate-Body Leakage Current
VDS = 0V, VGS = ±30V
-
-
±100
nA
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250mA
2.0
3.0
4.0
V
RDS(ON)
Static Drain-Source ON-Resistance(4)
VGS = 10V, ID = 9A
-
220
280
mΩ
Ciss
Input Capacitance
VGS = 0V, VDS = 25V,
f = 1MHz
-
3415
-
pF
Coss
Output Capacitance
-
305
-
pF
Crss
Reverse Transfer Capacitance
-
32
-
pF
Qg
Total Gate Charge
VGS = 0 to 10V
VDS = 250V, ID = 24A
-
69
-
nC
Qgs
Gate Source Charge
-
19.2
-
nC
Qgd
Gate Drain("Miller") Charge
-
21.8
-
nC
td(on)
Turn-On DelayTime
VGS = 10V, VDD = 250V
ID= 24A, RGEN = 24Ω
-
48
-
ns
tr
Turn-On Rise Time
-
68
-
ns
td(off)
Turn-Off DelayTime
-
197
-
ns
tf
Turn-Off Fall Time
-
79
-
ns
IS
Maximum Continuous Drain to Source Diode Forward Current
-
-
24
A
ISM
Maximum Pulsed Drain to Source Diode Forward Current
-
-
100
A
VSD
Drain to Source Diode Forward Voltage
VGS = 0V, IS = 24A
-
-
1.2
V
trr
Body Diode Reverse Recovery Time
IF = 24A, di/dt = 100A/us
-
475
-
ns
Qrr
Body Diode Reverse Recovery Charge
-
6.8
-
μC
Note :
1、The data tested by surface mounted on a 1 inch2 FR-4 board with 2OZ copper.
2
、The EAS data shows Max. rating . VDD =50V, VG =10V, ,L=10mH, IAS =18A, Starting TJ=25 ºC
3
、The test condition is Pulse Test: Pulse width ≤ 300μs, Duty Cycle ≤ 1%
4
、The power dissipation is limited by 150℃ junction temperature
5
、The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com