Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC503UHR1-30P-A-00AGA Datasheet(PDF) 1 Page - Cree, Inc

Part # LC503UHR1-30P-A-00AGA
Description  5-mm Round LED
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

LC503UHR1-30P-A-00AGA Datasheet(HTML) 1 Page - Cree, Inc

  LC503UHR1-30P-A-00AGA Datasheet HTML 1Page - Cree, Inc LC503UHR1-30P-A-00AGA Datasheet HTML 2Page - Cree, Inc LC503UHR1-30P-A-00AGA Datasheet HTML 3Page - Cree, Inc LC503UHR1-30P-A-00AGA Datasheet HTML 4Page - Cree, Inc LC503UHR1-30P-A-00AGA Datasheet HTML 5Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image

Subject to change without notice.
www.cree.com/ledlamps
Cree® 5-mm Round LED
Model # LC503UHR-30P-A
Data Sheet
30-degree, 5-mm round LED lamp in red color with water-transparent lens and stopper
Applications
Advertising Signs
Indicators
Traffic Lights
Automotive Lighting
Absolute Maximum Ratings (T
A = 25°C)
Items
Symbol
Absolute Maximum Rating
Unit
Forward Current
I
F
50
mA
Peak Forward Current Note
I
FP
200
mA
Reverse Voltage
V
R
5
V
Power Dissipation
P
D
130
mW
Operation Temperature
T
opr
-40 ~ +95
°C
Storage Temperature
T
stg
-40 ~ +100
°C
Lead Soldering Temperature
T
sol
Max. 260°C for 3 sec. max.
(3 mm from the base of the epoxy bulb)
Electrostatic Discharge
Classification(MIL-STD-883E)
ESD
Class 2
Note: Pulse width ≤0.1 msec, duty ≤1/10.
Typical Electrical & Optical Characteristics (T
A = 25°C)
Characteristics
Symbol
Condition
Unit
Minimum
Typical
Maximum
Forward Voltage
V
F
I
F = 20
A
V
2.1
2.6
Reverse Current
I
R
V
R = 5 V
A
100
Dominant Wavelength
D
I
F = 20 mA
nm
618
624
630
Luminous Intensity
I
V
I
F = 20 mA
mcd
3000
5100
50% Power Angle
2½H-H
I
F = 20 mA
deg
30
•
•
•
•


Similar Part No. - LC503UHR1-30P-A-00AGA

ManufacturerPart #DatasheetDescription
logo
Cree LED
LC503UHR1-30Q-A CREELED-LC503UHR1-30Q-A Datasheet
358Kb / 5P
Cree® 5-mm Round LED
LC503UHR1-30Q-A-00 CREELED-LC503UHR1-30Q-A-00 Datasheet
358Kb / 5P
Cree® 5-mm Round LED
LC503UHR1-30Q-A-00001 CREELED-LC503UHR1-30Q-A-00001 Datasheet
358Kb / 5P
Cree® 5-mm Round LED
LC503UHR1-30Q-A-01 CREELED-LC503UHR1-30Q-A-01 Datasheet
358Kb / 5P
Cree® 5-mm Round LED
LC503UHR1-30Q-A-01001 CREELED-LC503UHR1-30Q-A-01001 Datasheet
358Kb / 5P
Cree® 5-mm Round LED
More results

Similar Description - LC503UHR1-30P-A-00AGA

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
LC503TBG1-30P-A CREE-LC503TBG1-30P-A Datasheet
338Kb / 5P
5-mm Round LED
LC503TBG1-30Q-A CREE-LC503TBG1-30Q-A Datasheet
346Kb / 5P
5-mm Round LED
LC503TBL1-50P-A CREE-LC503TBL1-50P-A Datasheet
327Kb / 5P
5-mm Round LED
LC503TPG1-30P-A1 CREE-LC503TPG1-30P-A1 Datasheet
333Kb / 5P
5-mm Round LED
LC503TPG1-30Q-A1 CREE-LC503TPG1-30Q-A1 Datasheet
333Kb / 5P
5-mm Round LED
LC503TWN1-50Q-A1 CREE-LC503TWN1-50Q-A1 Datasheet
365Kb / 6P
5-mm Round LED
LC512TWN1-25Q-A1 CREE-LC512TWN1-25Q-A1 Datasheet
358Kb / 6P
5-mm Round LED
LC512TWR1-25P-A1 CREE-LC512TWR1-25P-A1 Datasheet
352Kb / 6P
5-mm Round LED
LC534TBL1-60Q-A CREE-LC534TBL1-60Q-A Datasheet
328Kb / 5P
5-mm Round LED
logo
Marktech Corporate
C513A MARKTECH-C513A_15 Datasheet
598Kb / 10P
5-mm Round LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com