Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC503UHR1-30P-A-00AGA Datasheet(PDF) 3 Page - Cree, Inc

Part # LC503UHR1-30P-A-00AGA
Description  5-mm Round LED
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

LC503UHR1-30P-A-00AGA Datasheet(HTML) 3 Page - Cree, Inc

  LC503UHR1-30P-A-00AGA Datasheet HTML 1Page - Cree, Inc LC503UHR1-30P-A-00AGA Datasheet HTML 2Page - Cree, Inc LC503UHR1-30P-A-00AGA Datasheet HTML 3Page - Cree, Inc LC503UHR1-30P-A-00AGA Datasheet HTML 4Page - Cree, Inc LC503UHR1-30P-A-00AGA Datasheet HTML 5Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Copyright © 2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the
Cree logo are registered trademarks of Cree, Inc.
3
CLD-CT038.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com/ledlamps
Graphs
4/4
Format #: COTCO-D-074
REV.4
Document No. SPE/LC503UHR1-30Q-A
Rev. No.
03
G
Grraapphhss
FIG.5 MAXIMUM FORWARD DC CURRENT VS
AMBIENT TEMPERATURE (Tjmax=105 C)
60.0
0
20.0
0.0
40.0
20
40
60
Ta( C)
100.0
80.0
IF(mA)
100
80
FORWARD CURRENT.
FIG.3 RELATIVE LUMINOUS INTENSITY VS.
60.0
20.0
0.0
0.0
1.0
40.0
100.0
80.0
If(mA)
100.0
FORWARD VOLTAGE.
3.0
2.0
4.0
5.0
FIG.1 FORWARD CURRENT VS.
2.4
2.0
1.8
0.0
20.0
2.2
60.0
40.0
80.0
2.8
2.6
Vf(V)
If (mA)
FIG.4 RELATIVE LUMINOUS INTENSITY VS.
FIG.6 FAR FIELD PATTERN
-90
0
WAVELENGTH.
50% Power Angle : 30
0%
400
25%
500 600 700
800
Ie(%)
100%
100%
900
WL(nm)
75%
50%
100%
Half Power
WL=23nm
Domi WL= 624nm
-10.0
Ir(uA)
FIG.2 REVERSE CURRENT VS.
REVERSE VOLTAGE.
-50.0
-30.0
-40.0
-20.0
-10
Vr(V)
-60
-50
-40
-20
-30
0.0
-60
-30
30
0
60
0%
90
20%
20%
40%
40%
60%
60%
80%
80%
Items
Signatures
Date
Revision History
Prepared by
WangFJ
2007-09-21
Rev. No
Date
Change Description
Checked by
WangDW
2007-09-21
02
2007-07-06 Release. IV from V,W,X,Y(typ)4200 to W,X,Y(typ)5100mcd.
Approved by
Add ESD rank
David
2007-09-21
03
2007-09-21
FCN#
FCN20070234
Data is subject to change without prior notice; please refer to COTCO Website for the latest version.
Copyright@2002 Cotco International Ltd.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com