Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP30G10GD Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP30G10GD
Description  30V NP-Channel Enhancement Mode MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP30G10GD Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP30G10GD Datasheet HTML 1Page - A POWER MICROELECTRONICS AP30G10GD Datasheet HTML 2Page - A POWER MICROELECTRONICS AP30G10GD Datasheet HTML 3Page - A POWER MICROELECTRONICS AP30G10GD Datasheet HTML 4Page - A POWER MICROELECTRONICS AP30G10GD Datasheet HTML 5Page - A POWER MICROELECTRONICS AP30G10GD Datasheet HTML 6Page - A POWER MICROELECTRONICS AP30G10GD Datasheet HTML 7Page - A POWER MICROELECTRONICS AP30G10GD Datasheet HTML 8Page - A POWER MICROELECTRONICS AP30G10GD Datasheet HTML 9Page - A POWER MICROELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AP30G10GD
30V N+P-Channel Enhancement Mode MOSFET
AP30G10GD REV1.0
永源微電子科技有限公司
Description
The AP30G10GD uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 4.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = 100V ID =32A
RDS(ON) < 42mΩ @ VGS=10V (Type:35mΩ)
VDS = -100V ID =-28A
RDS(ON) < 100mΩ @ VGS=-10V(Type:80mΩ)
Application
BLDC
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP30G10GD
TO252-4L
AP30G10GD XXX YYYY
2500
Absolute Maximum Ratings (TC=25
℃unless otherwise noted)
Symbol
Parameter
N-Ch
P-Ch
Units
VDS
Drain-Source Voltage
100
100
V
VGS
Gate-Source Voltage
±
20
±
20
V
ID@TA=25℃
Continuous Drain Current, VGS @ 10V1
32
-28
A
ID@TA=70℃
Continuous Drain Current, VGS @ 10V1
21
-18.1
A
IDM
Pulsed Drain Current2
90
-85
A
EAS
Single Pulse Avalanche Energy3
138
147
mJ
IAS
Avalanche Current
17
33
A
PD@TA=25℃
Total Power Dissipation4
46
46
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
RθJA
Thermal Resistance Junction-Ambient 1
62.5
℃
/W
RθJC
Thermal Resistance Junction-Case1
2.6
℃
/W


Similar Part No. - AP30G10GD

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP30G100W A-POWER-AP30G100W Datasheet
220Kb / 4P
N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
AP30G100W A-POWER-AP30G100W_14 Datasheet
220Kb / 4P
High speed switching
More results

Similar Description - AP30G10GD

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
YFW3G03LI YFWDIODE-YFW3G03LI Datasheet
1Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW6G03S YFWDIODE-YFW6G03S Datasheet
1Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW8G03ES YFWDIODE-YFW8G03ES Datasheet
1Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW15G03ES YFWDIODE-YFW15G03ES Datasheet
1Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW15G03NF YFWDIODE-YFW15G03NF Datasheet
1Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW20G03NF YFWDIODE-YFW20G03NF Datasheet
2Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW25G03GD YFWDIODE-YFW25G03GD Datasheet
2Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW40G03NF YFWDIODE-YFW40G03NF Datasheet
1Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW80G03NF YFWDIODE-YFW80G03NF Datasheet
2Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
logo
Guangdong Youtai Semico...
AO4606 UMW-AO4606 Datasheet
2Mb / 8P
30V NP-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com