Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP30G10GD Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP30G10GD
Description  30V NP-Channel Enhancement Mode MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP30G10GD Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP30G10GD Datasheet HTML 1Page - A POWER MICROELECTRONICS AP30G10GD Datasheet HTML 2Page - A POWER MICROELECTRONICS AP30G10GD Datasheet HTML 3Page - A POWER MICROELECTRONICS AP30G10GD Datasheet HTML 4Page - A POWER MICROELECTRONICS AP30G10GD Datasheet HTML 5Page - A POWER MICROELECTRONICS AP30G10GD Datasheet HTML 6Page - A POWER MICROELECTRONICS AP30G10GD Datasheet HTML 7Page - A POWER MICROELECTRONICS AP30G10GD Datasheet HTML 8Page - A POWER MICROELECTRONICS AP30G10GD Datasheet HTML 9Page - A POWER MICROELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
AP30G10GD
30V N+P-Channel Enhancement Mode MOSFET
AP30G10GD REV1.0
永源微電子科技有限公司
N-Electrical Characteristics (TJ=25
℃, unless otherwise noted)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
V(BR)DSS
Drain-Source Breakdown Voltage
VGS=0V, ID=250μA
100
107
-
V
IDSS
Zero Gate Voltage Drain Current
VDS=100V, VGS=0V,
-
-
1.0
μA
IGSS
Gate to Body Leakage Current
VDS=0V, VGS=±20V
-
-
±100
nA
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=250μA
1.0
1.5
2.2
V
RDS(on)
Static Drain-Source on-Resistance
VGS=10V, ID=10A
-
35
42
mΩ
VGS=4.5V, ID=6A
-
39
55
mΩ
Ciss
Input Capacitance
VDS=25V, VGS=0V,
f=1.0MHz
-
1964
-
pF
Coss
Output Capacitance
-
90
-
pF
Crss
Reverse Transfer Capacitance
-
74
-
pF
Qg
Total Gate Charge
VDS=80V, ID=20A,
VGS=4.5V
-
20
-
nC
Qgs
Gate-Source Charge
-
3.1
-
nC
Qgd
Gate-Drain(“Miller”) Charge
-
14
-
nC
td(on)
Turn-on Delay Time
VDS=80V, ID=20A,
RG=3.1Ω, VGS=4.5V
-
11
-
ns
tr
Turn-on Rise Time
-
91
-
ns
td(off)
Turn-off Delay Time
-
40
-
ns
tf
Turn-off Fall Time
-
71
-
ns
IS
Maximum Continuous Drain to Source Diode Forward Current
-
-
30
A
ISM
Maximum Pulsed Drain to Source Diode Forward Current
-
-
80
A
VSD
Drain to Source Diode Forward Voltage
VGS=0V, IS=20A
-
-
1.2
V
trr
Body Diode Reverse Recovery Time
IF=20A, dI/dt=100A/μs
-
64
-
ns
Qrr
Body Diode Reverse Recovery Charge
-
152
-
nC
Note :
1、The data tested by surface mounted on a 1 inch 2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width
≦ 300us , duty cycle ≦ 2%
3、The EAS data shows Max. rating . The test condition is VDD=80V,VGS=10V,L=0.1mH,IAS=17A
4、The power dissipation is limited by 150
℃ junction temperature
5、The data is theoretically the same as I D and I DM , in real applications , should be limited by total power dissipation.
.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com