Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27W402 Datasheet(PDF) 13 Page - STMicroelectronics

Part # M27W402
Description  4 Mbit 256Kb x16 Low Voltage UV EPROM and OTP EPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27W402 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M27W402 Datasheet HTML 7Page - STMicroelectronics M27W402 Datasheet HTML 8Page - STMicroelectronics M27W402 Datasheet HTML 9Page - STMicroelectronics M27W402 Datasheet HTML 10Page - STMicroelectronics M27W402 Datasheet HTML 11Page - STMicroelectronics M27W402 Datasheet HTML 12Page - STMicroelectronics M27W402 Datasheet HTML 13Page - STMicroelectronics M27W402 Datasheet HTML 14Page - STMicroelectronics M27W402 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13/15
M27W402
Table 15. PLCC44 - 44 lead Plastic Leaded Chip Carrier, Package Mechanical Data
Symb
mm
inches
Typ
Min
Max
Typ
Min
Max
A
4.20
4.70
0.165
0.185
A1
2.29
3.04
0.090
0.120
A2
–
0.51
–
0.020
B
0.33
0.53
0.013
0.021
B1
0.66
0.81
0.026
0.032
D
17.40
17.65
0.685
0.695
D1
16.51
16.66
0.650
0.656
D2
14.99
16.00
0.590
0.630
E
17.40
17.65
0.685
0.695
E1
16.51
16.66
0.650
0.656
E2
14.99
16.00
0.590
0.630
e
1.27
–
–
0.050
–
–
F
0.00
0.25
0.000
0.010
R
0.89
–
–
0.035
–
–
N44
44
CP
0.10
0.004
Figure 10. PLCC44 - 44 lead Plastic Leaded Chip Carrier, Package Outline
Drawing is not to scale.
PLCC
D
Ne
E1 E
1N
D1
Nd
CP
B
D2/E2
e
B1
A1
A
R
0.51 (.020)
1.14 (.045)
F
A2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com