Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXT12P40DXTC Datasheet(PDF) 4 Page - Zetex Semiconductors

Part # ZXT12P40DXTC
Description  SuperSOT4??DUAL 40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXT12P40DXTC Datasheet(HTML) 4 Page - Zetex Semiconductors

  ZXT12P40DXTC Datasheet HTML 1Page - Zetex Semiconductors ZXT12P40DXTC Datasheet HTML 2Page - Zetex Semiconductors ZXT12P40DXTC Datasheet HTML 3Page - Zetex Semiconductors ZXT12P40DXTC Datasheet HTML 4Page - Zetex Semiconductors ZXT12P40DXTC Datasheet HTML 5Page - Zetex Semiconductors ZXT12P40DXTC Datasheet HTML 6Page - Zetex Semiconductors ZXT12P40DXTC Datasheet HTML 7Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ISSUE
2 - DECEMBER 2006
ZXT12P40DX
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated).
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS.
Collector-Base Breakdown
Voltage
V(BR)CBO
-50
-95
V
IC=-100 A
Collector-Emitter Breakdown
Voltage
V(BR)CEO
-40
-80
V
IC=-10mA*
Emitter-Base Breakdown Voltage
V(BR)EBO
-7.5
-8.5
V
IE=-100 A
Collector Cut-Off Current
ICBO
-100
nA
VCB=-40V
Emitter Cut-Off Current
IEBO
-100
nA
VEB=-6V
Collector Emitter Cut-Off Current
ICES
-100
nA
VCES=-40V
Collector-Emitter Saturation
Voltage
VCE(sat)
-18
-155
-190
-150
-22
-215
-260
-190
mV
mV
mV
mV
IC=-0.1A, IB=-10mA*
IC=-1A, IB=-20mA*
IC=-2A, IB=-100mA*
IC=-2A, IB=-200mA*
Base-Emitter Saturation Voltage
VBE(sat)
-0.92
-1.0
V
IC=-2A, IB=-100mA*
Base-Emitter Turn-On Voltage
VBE(on)
-0.80
-0.85
V
IC=-2A, VCE=-2V*
Static Forward Current Transfer
Ratio
hFE
300
300
150
10
450
450
300
25
900
IC=-10mA, VCE=-2V*
IC=-1A, VCE=-2V*
IC=-2A, VCE=-2V*
IC=-5A, VCE=-2V*
Transition Frequency
fT
130
MHz
IC=-30mA, VCE=-10V
f=-50MHz
Output Capacitance
Cobo
35
pF
VCB=-10V, f=1MHz
Turn-On Time
t(on)
97
ns
VCC=-10V, IC=-1A
IB1=IB2=-20mA
Turn-Off Time
t(off)
640
ns
*Measured under pulsed conditions. Pulse width=300
µs. Duty cycle ≤ 2%
4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com