Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXT12P40DXTC Datasheet(PDF) 6 Page - Zetex Semiconductors

Part # ZXT12P40DXTC
Description  SuperSOT4??DUAL 40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXT12P40DXTC Datasheet(HTML) 6 Page - Zetex Semiconductors

  ZXT12P40DXTC Datasheet HTML 1Page - Zetex Semiconductors ZXT12P40DXTC Datasheet HTML 2Page - Zetex Semiconductors ZXT12P40DXTC Datasheet HTML 3Page - Zetex Semiconductors ZXT12P40DXTC Datasheet HTML 4Page - Zetex Semiconductors ZXT12P40DXTC Datasheet HTML 5Page - Zetex Semiconductors ZXT12P40DXTC Datasheet HTML 6Page - Zetex Semiconductors ZXT12P40DXTC Datasheet HTML 7Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Europe
Zetex GmbH
Kustermann-park
Balanstraße 59
D-81541 München
Germany
Telefon: (49) 89 45 49 49 0
Fax: (49) 89 45 49 49 49
europe.sales@zetex.com
Americas
Zetex Inc
700 Veterans Memorial Highway
Hauppauge, NY 11788
USA
Telephone: (1) 631 360 2222
Fax: (1) 631 360 8222
usa.sales@zetex.com
Asia Pacific
Zetex (Asia Ltd)
3701-04 Metroplaza Tower 1
Hing Fong Road, Kwai Fong
Hong Kong
Telephone: (852) 26100 611
Fax: (852) 24250 494
asia.sales@zetex.com
Corporate Headquarters
Zetex Semiconductors plc
Zetex Technology Park, Chadderton
Oldham, OL9 9LL
United Kingdom
Telephone (44) 161 622 4444
Fax: (44) 161 622 4446
hq@zetex.com
© 2006 Published by Zetex Semiconductors plc.
ISSUE
2 - DECEMBER 2006
ZXT12P40DX
PACKAGE DIMENSIONS
PAD LAYOUT DETAILS
6
D
eX 6
L
C
1
23
4
5
6
7
8
θ°
B
Conforms to JEDEC MO-187 Iss A
DIM
Millimetres
Inches
MIN
MAX
MIN
MAX
A
1.10
0.043
A1
0.05
0.15
0.002
0.006
B
0.25
0.40
0.010
0.016
C
0.13
0.23
0.005
0.009
D
2.90
3.10
0.114
0.122
e
0.65
BSC
0.0256
BSC
E
2.90
3.10
0.114
0.122
H
4.90
BSC
0.193
BSC
L
0.40
0.70
0.016
0.028
q°
0°
6°
0°
6°



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com