Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL3232IVZ Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ICL3232IVZ
Description  One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL3232IVZ Datasheet(HTML) 5 Page - Renesas Technology Corp

  ICL3232IVZ Datasheet HTML 1Page - Renesas Technology Corp ICL3232IVZ Datasheet HTML 2Page - Renesas Technology Corp ICL3232IVZ Datasheet HTML 3Page - Renesas Technology Corp ICL3232IVZ Datasheet HTML 4Page - Renesas Technology Corp ICL3232IVZ Datasheet HTML 5Page - Renesas Technology Corp ICL3232IVZ Datasheet HTML 6Page - Renesas Technology Corp ICL3232IVZ Datasheet HTML 7Page - Renesas Technology Corp ICL3232IVZ Datasheet HTML 8Page - Renesas Technology Corp ICL3232IVZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
ICL3221, ICL3222, ICL3223, ICL3232, ICL3241, ICL3243
1. Overview
FN4805 Rev.23.00
Page 5 of 36
Apr.26.19
ICL3222CBZ (No longer available,
recommended replacement:
ICL3222EIBZ)
3222CBZ
0 to 70
-
18 Ld SOIC
M18.3
ICL3222CVZ
ICL3222CVZ
0 to 70
-
20 Ld TSSOP
M20.173
ICL3222CVZ-T
ICL3222CVZ
0 to 70
2.5k
20 Ld TSSOP
M20.173
ICL3222IAZ (No longer available,
recommended replacement:
ICL3222EIAZ)
ICL3222IAZ
-40 to 85
-
20 Ld SSOP
M20.209
ICL3222IVZ (No longer available,
recommended replacement:
ICL3222EIVZ)
ICL3222IVZ
-40 to 85
-
20 Ld TSSOP
M20.173
ICL3223CAZ (No longer available,
recommended replacement:
ICL3223ECAZ)
ICL3223CAZ
0 to 70
-
20 Ld SSOP
M20.209
ICL3223IAZ
ICL3223IAZ
-40 to 85
-
20 Ld SSOP
M20.209
ICL3223IAZ-T
ICL3223IAZ
-40 to 85
1k
20 Ld SSOP
M20.209
ICL3223IVZ
ICL3223IVZ
-40 to 85
-
20 Ld TSSOP
M20.173
ICL3223IVZ-T
ICL3223IVZ
-40 to 85
2.5k
20 Ld TSSOP
M20.173
ICL3232CAZ (No longer available,
recommended replacement:
ICL3232ECAZ)
3232CAZ
0 to 70
-
16 Ld SSOP
M16.209
ICL3232CBZ (No longer available,
recommended replacement:
ICL3232ECBZ)
3232CBZ
0 to 70
-
16 Ld SOIC
M16.3
ICL3232CBNZ
3232CBNZ
0 to 70
-
16 Ld SOIC (N)
M16.15
ICL3232CBNZ-T
3232CBNZ
0 to 70
2.5k
16 Ld SOIC (N)
M16.15
ICL3232CPZ
ICL3232CPZ
0 to 70
-
16 Ld PDIP
E16.3
ICL3232CVZ
3232CVZ
0 to 70
-
16 Ld TSSOP
M16.173
ICL3232CVZ-T
3232CVZ
0 to 70
2.5k
16 Ld TSSOP
M16.173
ICL3232IAZ (No longer available,
recommended replacement:
ICL3232EIAZ)
3232IAZ
-40 to 85
-
16 Ld SSOP
M16.209
ICL3232IBZ (No longer available,
recommended replacement:
ICL3232EIBZ)
3232IBZ
-40 to 85
-
16 Ld SOIC
M16.3
ICL3232IBNZ
3232IBNZ
-40 to 85
-
16 Ld SOIC (N)
M16.15
ICL3232IBNZ-T
3232IBNZ
-40 to 85
2.5k
16 Ld SOIC (N)
M16.15
ICL3232IBNZ-T7A
3232IBNZ
-40 to 85
250
16 Ld SOIC (N)
M16.15
ICL3232IVZ
3232IVZ
-40 to 85
-
16 Ld TSSOP
M16.173
ICL3232IVZ-T
3232IVZ
-40 to 85
2.5k
16 Ld TSSOP
M16.173
ICL3232IVZ-T7A
3232IVZ
-40 to 85
250
16 Ld TSSOP
M16.173
ICL3241CAZ (No longer available,
recommended replacement:
ICL3241ECAZ)
ICL3241CAZ
0 to 70
-
28 Ld SSOP
M28.209
ICL3241CVZ (No longer available,
recommended replacement:
ICL3241ECVZ)
ICL3241CVZ
0 to 70
-
28 Ld TSSOP
M28.173
ICL3241IAZ (No longer available,
recommended replacement:
ICL3241EIAZ)
ICL3241IAZ
-40 to 85
-
28 Ld SSOP
M28.209
Part Number (Notes 2, 3)
Part Marking Temp. Range (°c)
Tape and Reel
(Units) (Note 1)
Package
(RoHS Compliant)
Pkg. Dwg. #



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com