Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL3232IVZ Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # ICL3232IVZ
Description  One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL3232IVZ Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button ICL3232IVZ Datasheet HTML 16Page - Renesas Technology Corp ICL3232IVZ Datasheet HTML 17Page - Renesas Technology Corp ICL3232IVZ Datasheet HTML 18Page - Renesas Technology Corp ICL3232IVZ Datasheet HTML 19Page - Renesas Technology Corp ICL3232IVZ Datasheet HTML 20Page - Renesas Technology Corp ICL3232IVZ Datasheet HTML 21Page - Renesas Technology Corp ICL3232IVZ Datasheet HTML 22Page - Renesas Technology Corp ICL3232IVZ Datasheet HTML 23Page - Renesas Technology Corp ICL3232IVZ Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
ICL3221, ICL3222, ICL3223, ICL3232, ICL3241, ICL3243
4. Application Information
FN4805 Rev.23.00
Page 20 of 36
Apr.26.19
4.10 Transmitter Outputs when Exiting Powerdown
Figure 14 shows the response of two transmitter outputs when exiting powerdown mode. As they activate, the two
transmitter outputs properly go to opposite RS-232 levels, with no glitching, ringing, nor undesirable transients.
Each transmitter is loaded with 3kΩ in parallel with 2500pF. Note that the transmitters enable only when the
magnitude of the supplies exceed approximately 3V.
4.11 Mouse Driveability
The ICL324X have been specifically designed to power a serial mouse while operating from low voltage supplies.
Figure 15 shows the transmitter output voltages under increasing load current. The on-chip switching regulator
ensures the transmitters will supply at least ±5V during worst case conditions (15mA for paralleled V+
transmitters, 7.3mA for single V- transmitter). The Automatic Powerdown feature does not work with a mouse, so
FORCEOFF and FORCEON should be connected to VCC.
4.12 High Data Rates
The ICL32xx maintain the RS-232 ±5V minimum transmitter output voltages even at high data rates. Figure 16
details a transmitter loopback test circuit, and Figure 17 illustrates the loopback test result at 120kbps. For this
test, all transmitters were simultaneously driving RS-232 loads in parallel with 1000pF at 120kbps. Figure 18
shows the loopback results for a single transmitter driving 1000pF and an RS-232 load at 250kbps. The static
transmitters were also loaded with an RS-232 receiver.
Figure 14. Transmitter Outputs when Exiting Powerdown
Figure 15. Transmitter Output Voltage vs Load Current (per Transmitter, Such as, Double Current Axis for Total VOUT+
Current)
Time (20µs/Div)
T1
T2
2V/Div
5V/Div
VCC = +3.3V
FORCEOFF
C1 - C4 = 0.1µF
Load Current per Transmitter (mA)
02
468
10
-6
-4
-2
0
2
4
6
-5
-3
-1
1
3
5
1
3579
VOUT+
VOUT -
VCC
VOUT+
VOUT -
T1
T2
T3
VCC = 3.0V
ICL3241/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com