Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85263ATT/A Datasheet(PDF) 61 Page - NXP Semiconductors

Part # PCF85263ATT/A
Description  Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85263ATT/A Datasheet(HTML) 61 Page - NXP Semiconductors

Back Button PCF85263ATT/A Datasheet HTML 57Page - NXP Semiconductors PCF85263ATT/A Datasheet HTML 58Page - NXP Semiconductors PCF85263ATT/A Datasheet HTML 59Page - NXP Semiconductors PCF85263ATT/A Datasheet HTML 60Page - NXP Semiconductors PCF85263ATT/A Datasheet HTML 61Page - NXP Semiconductors PCF85263ATT/A Datasheet HTML 62Page - NXP Semiconductors PCF85263ATT/A Datasheet HTML 63Page - NXP Semiconductors PCF85263ATT/A Datasheet HTML 64Page - NXP Semiconductors PCF85263ATT/A Datasheet HTML 65Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 92 page
background image
NXP Semiconductors
PCF85263A
Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
sample
invert
mechanical
switch detector
vdd_int
TS pin
sample
clock, 16 Hz
TSL
aaa-010560
STOP
control
STOPM
Time
counter
stop
TSR2
load
TSR2
flag
INTA
gen.
INTA
VSS
Figure 36. Application example
The RTC must be configured correctly for this mode of operation. Outlined in Table 65
are the settings needed for this mode.
In addition, the time must be set and any other configurations like battery switch-over,
quartz oscillator driving mode, etc., which are dependent on the application.
The sampler circuit shown in Figure 36 will hold invalid data until the mechanical switch
detector mode is enabled. It then requires a minimum of one sample period to initialize
to the current TS pin level. It is recommended to enable the mechanical detector mode
on the TS pin at least 62.5 ms before enabling the TS event mode. Failure to do so can
result in a false first event.
Register
Section
Bit(s)
State
Comment
Pin_IO
Section 7.12
TSPM[1:0]
11
TS pin in input mode
Pin_IO
Section 7.12
TSIM
1
select mechanical switch mode
Pin_IO
Section 7.12
TSL
1
TS pin input is active LOW
STOPM
1
allow TS pin to control STOP
TSRIEA
1
allow timestamps to create interrupts
Function
Section 7.13
ILPA
0
generate interrupt pulses
TSR_mode Section 7.12
TSR2M[2:0]
101
last event mode for timestamp2
Pin_IO
Section 7.12
INTAPM[1:0]
10
output interrupt on INTA
Table 65. Application configuration
PCF85263A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 5 — 1 February 2021
61 / 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com