Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85263ATT/A Datasheet(PDF) 64 Page - NXP Semiconductors

Part # PCF85263ATT/A
Description  Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85263ATT/A Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button PCF85263ATT/A Datasheet HTML 60Page - NXP Semiconductors PCF85263ATT/A Datasheet HTML 61Page - NXP Semiconductors PCF85263ATT/A Datasheet HTML 62Page - NXP Semiconductors PCF85263ATT/A Datasheet HTML 63Page - NXP Semiconductors PCF85263ATT/A Datasheet HTML 64Page - NXP Semiconductors PCF85263ATT/A Datasheet HTML 65Page - NXP Semiconductors PCF85263ATT/A Datasheet HTML 66Page - NXP Semiconductors PCF85263ATT/A Datasheet HTML 67Page - NXP Semiconductors PCF85263ATT/A Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 92 page
background image
NXP Semiconductors
PCF85263A
Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
13 Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
-0.5
+6.5
V
IDD
supply current
-50
+50
mA
VBAT
battery supply voltage
-0.5
+6.5
V
IBAT
battery supply current
-50
+50
mA
VI
input voltage
on pins SCL, SDA, OSCI, TS
-0.5
+6.5
V
VO
output voltage
-0.5
+6.5
V
II
input current
at any input
-10
+10
mA
IO
output current
at any output
-10
+10
mA
Ptot
total power dissipation
-
300
mW
HBM
[1] -
±3500
V
CDM
[2]
PCF85263AT
-
±1500
V
PCF85263ATL
-
±1750
V
PCF85263ATT
-
±1000
V
PCF85263ATT1
-
±2000
V
VESD
electrostatic discharge
voltage
PCF85263AUK
-
±1000
V
Ilu
latch-up current
[3] -
200
mA
Tstg
storage temperature
[4] -65
+150
°C
Tamb
ambient temperature operating device
-40
+85
°C
Table 66. Limiting values
[1]
Pass level; Human Body Model (HBM) according to [1].
[2]
Pass level; Charged-Device Model (CDM), according to [2].
[3]
Pass level; latch-up testing, according to [3] at maximum ambient temperature (Tamb(max)).
[4]
According to the store and transport requirements (see [9]) the devices have to be stored at a temperature of +8 °C to +45 °C and a humidity of 25 % to
75 %.
14 Characteristics
VDD = 0.9 V to 5.5 V; VSS = 0 V; Tamb = -40 °C to +85 °C; fosc = 32.768 kHz; quartz Rs = 60 kΩ; CL = 7 pF; all registers in
reset state; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supplies
interface inactive; fSCL = 0 Hz
[1] 0.9
-
5.5
V
VDD
supply voltage
interface active; fSCL = 400 kHz
[2] 1.8
-
5.5
V
VBAT
battery supply voltage
[1] 0.9
-
5.5
V
IDD
supply current
CLKOUT disabled; VDD = 3.3 V;
interface inactive; fSCL = 0 Hz
[3]
Table 67. Characteristics
PCF85263A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 5 — 1 February 2021
64 / 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com