Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP-366P Datasheet(PDF) 1 Page - Prokits Industries Co., LTD

Part # DP-366P
Description  PK-2002C Professional Electrical And Mechanical Tool Set, 220V (with UK plug)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSKITINDUSTRIES [Prokits Industries Co., LTD]
Direct Link  https://www.prokits.com.tw/
Logo PROSKITINDUSTRIES - Prokits Industries Co., LTD

DP-366P Datasheet(HTML) 1 Page - Prokits Industries Co., LTD

  DP-366P Datasheet HTML 1Page - Prokits Industries Co., LTD DP-366P Datasheet HTML 2Page - Prokits Industries Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
P1 / 2
PRODUCT SPECIFICATION
PK-2002C Professional Electrical And Mechanical Tool Set, 220V (with UK plug)
*** Picture for reference only. All specifications are subject to change by supplier. ***
Specifications:
PK-2002C (Meteic) Contents
1PK-052DS
Dual Color Lineman'sPlier (162mm)
1PK-108T
Reverse Action Tweezer (Self-Gripping) (165mm)
1PK-125T
Super Fine Tip Straight Tweezer (120mm)
1PK-H028
Adjustable Wrench - 8"
8PK-2061
6Pcs Electronic Screwdriver Set
8PK-3161
7 In 1 Tool for AWG18/16/14/12/10
908-609
IC Extractor
9DP-3616A
Square scraper/Stainless steel brush
9DP-3616B
Slotted shaft/Split 45 lever
9DP-3616C
Tapered reamer/Tapered needle
9DP-S001
Pen Solder 63%
8PK-605A
5 Pcs Needle File Set
9PK-153
Brush Black Handle
9SD-200-M5
Pro-Soft Screwdriver 5mm(metric)


Similar Part No. - DP-366P

ManufacturerPart #DatasheetDescription
logo
Prokits Industries Co.,...
DP-366P PROSKITINDUSTRIES-DP-366P Datasheet
719Kb / 2P
PK-616B Professional Electronic Tool Kit (with EURO plug)
DP-366P PROSKITINDUSTRIES-DP-366P Datasheet
990Kb / 2P
PK-2002B Professional Electrical And Mechanical Tool Set, 220V (with EU plug)
DP-366P PROSKITINDUSTRIES-DP-366P Datasheet
720Kb / 2P
PK-616C Professional Electronic Tool Kit (with UK plug)
More results

Similar Description - DP-366P

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
PXA270 INTEL-PXA270 Datasheet
1Mb / 126P
Electrical, Mechanical, and Thermal Specification
LUPXA255A0C200 INTEL-LUPXA255A0C200 Datasheet
1Mb / 40P
Electrical, Mechanical, and Thermal Specification
logo
List of Unclassifed Man...
WC610620PFLAP ETC1-WC610620PFLAP Datasheet
69Kb / 1P
Professional Handcrimpwerkzeug Professional hand crimp tool
logo
Intel Corporation
GDPXA255A0E400 INTEL-GDPXA255A0E400 Datasheet
1Mb / 40P
Electrical, Mechanical, and Thermal Specification
NHPXA270C5C312 INTEL-NHPXA270C5C312 Datasheet
1Mb / 126P
Electrical, Mechanical, and Thermal Specification
logo
TE Connectivity Ltd
PT2S7LB2 TEC-PT2S7LB2 Datasheet
309Kb / 3P
Mechanical and electrical indicator
logo
Harwin Plc
Z2072Z00 HARWIN-Z2072Z00 Datasheet
51Kb / 1P
TOP AND BOTTOM TOOL SET
Z2073Z00 HARWIN-Z2073Z00 Datasheet
68Kb / 1P
TOP AND BOTTOM TOOL SET
logo
PHOENIX CONTACT
1208856 PHOENIX-1208856 Datasheet
54Kb / 3P
Tool set - TOOL DATA SET
1208953 PHOENIX-1208953 Datasheet
59Kb / 3P
Tool set - TOOL-SET ALLROUND 3
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com