Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP-366P Datasheet(PDF) 2 Page - Prokits Industries Co., LTD

Part # DP-366P
Description  PK-2002C Professional Electrical And Mechanical Tool Set, 220V (with UK plug)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSKITINDUSTRIES [Prokits Industries Co., LTD]
Direct Link  https://www.prokits.com.tw/
Logo PROSKITINDUSTRIES - Prokits Industries Co., LTD

DP-366P Datasheet(HTML) 2 Page - Prokits Industries Co., LTD

  DP-366P Datasheet HTML 1Page - Prokits Industries Co., LTD DP-366P Datasheet HTML 2Page - Prokits Industries Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
P2 / 2
9SD-200-M6
Pro-Soft Screwdriver 6mm(metric)
AS-611
Wrist Strap 10FT
DK-2039
Utility Knife (3 Blades Self Loading)
DP-366P
Desoldering Pump
FL-506
LED Flash Light
HW-121M
Folding Type Hex Key Set(Metric)
PD-610
PLCC Extractor
PM-736
Long Nose Plier (132mm)
PM-737
Diagonal Cutting Plier (109mm)
PM-754
Flat Nose Plier (135mm)
PM-755
Bent Nose Plier (128mm)
SD-9820
10 in 1 Ratchet Screwdriver Kit
8PK-S120NC-40
Soldering Iron 220V, UK plug
5ST-13-SS
Shoulder Strap
9ST-13
Tool Bag
Product Weight (w/o package)
:
Weight(Kg)
Measurement
3.06kgs
L(mm)
W(mm)
H(mm)
385
300
55
Individual Packing
Packing: Color Sleeve Shrink
Master Packing
:
Pcs
Kg
(N. W)
Kg
(G. W)
Measurement
CUFT
L(cm)
W(cm)
H(cm)
Individual Packing
1
­
3.06
38.5
30
5.5
­
Inner Box
1
3.06
38.5
30
5.5
­
CTN
5
15.3
16.3
39
30
28
16.3
~ THE END ~



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com