Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OT 20/220...240/24 P Datasheet(PDF) 5 Page - Intelligent LED Solutions

Part # OT 20/220...240/24 P
Description  OSRAM High Bright PowerFlex LED Strips 7.5mm LED Pitch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILS [Intelligent LED Solutions]
Direct Link  https://i-led.co.uk/
Logo ILS - Intelligent LED Solutions

OT 20/220...240/24 P Datasheet(HTML) 5 Page - Intelligent LED Solutions

  OT 20/220...240/24 P Datasheet HTML 1Page - Intelligent LED Solutions OT 20/220...240/24 P Datasheet HTML 2Page - Intelligent LED Solutions OT 20/220...240/24 P Datasheet HTML 3Page - Intelligent LED Solutions OT 20/220...240/24 P Datasheet HTML 4Page - Intelligent LED Solutions OT 20/220...240/24 P Datasheet HTML 5Page - Intelligent LED Solutions OT 20/220...240/24 P Datasheet HTML 6Page - Intelligent LED Solutions OT 20/220...240/24 P Datasheet HTML 7Page - Intelligent LED Solutions OT 20/220...240/24 P Datasheet HTML 8Page - Intelligent LED Solutions OT 20/220...240/24 P Datasheet HTML 9Page - Intelligent LED Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
© IGS Version V5
+44 (0)1635 294606 | info@i-led.co.uk | www.i-led.co.uk
Intelligent LED Solutions, Unit 2, Berkshire Business Centre,
Berkshire Drive, Thatcham, Berkshire, RG19 4EW
A division of Intelligent Group Solutions Ltd
5 of 11
TECHNICAL DRAWINGS (MM)
3D drawing files are available on request from ILS. Please call or email
RADIATION OF SINGLE LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com