Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OT 20/220...240/24 P Datasheet(PDF) 7 Page - Intelligent LED Solutions

Part # OT 20/220...240/24 P
Description  OSRAM High Bright PowerFlex LED Strips 7.5mm LED Pitch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILS [Intelligent LED Solutions]
Direct Link  https://i-led.co.uk/
Logo ILS - Intelligent LED Solutions

OT 20/220...240/24 P Datasheet(HTML) 7 Page - Intelligent LED Solutions

Back Button OT 20/220...240/24 P Datasheet HTML 3Page - Intelligent LED Solutions OT 20/220...240/24 P Datasheet HTML 4Page - Intelligent LED Solutions OT 20/220...240/24 P Datasheet HTML 5Page - Intelligent LED Solutions OT 20/220...240/24 P Datasheet HTML 6Page - Intelligent LED Solutions OT 20/220...240/24 P Datasheet HTML 7Page - Intelligent LED Solutions OT 20/220...240/24 P Datasheet HTML 8Page - Intelligent LED Solutions OT 20/220...240/24 P Datasheet HTML 9Page - Intelligent LED Solutions OT 20/220...240/24 P Datasheet HTML 10Page - Intelligent LED Solutions OT 20/220...240/24 P Datasheet HTML 11Page - Intelligent LED Solutions  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
© IGS Version V5
+44 (0)1635 294606 | info@i-led.co.uk | www.i-led.co.uk
Intelligent LED Solutions, Unit 2, Berkshire Business Centre,
Berkshire Drive, Thatcham, Berkshire, RG19 4EW
A division of Intelligent Group Solutions Ltd
7 of 11
POWERFLEX POWER SUPPLY OPTIONS
Product Family 7.5mm Pitch – Reel Length 3240mm, 45mm Cut Point
High Bright = ILX-E507-xx10-3240-SD201
Super Bright = ILX-E507-xx10-3240-SD211
Part Number
Wattage
Voltage
Dimming
High Bright Flex 0.96W
per cut 70.00W per reel
Super Bright Flex 1.44W
per cut 104.00W per reel
Reels per
Driver
Cuts per
Driver
Reels per
Driver
Cuts per
Driver
OT 6/200…240/24 CE
6W
24V
None
0
6
0
4
OT 20/220…240/24
20W
24V
None
0
20
0
13
OT 20/220…240/24 P
20W
24V
None
0
20
0
13
OT 20/220…240/24 DIM P
20W
24V
1-10V
0
20
0
13
ELEMENT 30/220-240/24 G2
30W
24V
None
0
31
0
20
IZV024-040M- 9767C-SAL
40W
24V
0-10V,
PWM
Signal or
Resistance
0
41
0
27
OT SLIM 30/220-240/24
30W
24V
None
0
31
0
20
OT 40/220…240/24 P
40W
24V
None
0
41
0
27
OT 40/220…240/24 DIM P
40W
24V
1-10V
0
41
0
27
OT 50/220…240/24
50W
24V
None
0
52
0
34
IZV024-060M- 9767C-SAL
60W
24V
0-10V,
PWM
Signal or
Resistance
0
62
0
41
ELEMENT 60/220-240/24 G2
60W
24V
None
0
62
0
41
OT 60/220…240/24 P
60W
24V
None
0
62
0
41
OT SLIM 60/220-240/24
60W
24V
None
0
62
0
41
OT 60/220…240/24 DIM P
60W
24V
1-10V
0
62
0
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com