Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM-736 Datasheet(PDF) 1 Page - Prokits Industries Co., LTD

Part # PM-736
Description  PK-710KA Basic Electronic Tool Kit (with 110V soldering iron)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSKITINDUSTRIES [Prokits Industries Co., LTD]
Direct Link  https://www.prokits.com.tw/
Logo PROSKITINDUSTRIES - Prokits Industries Co., LTD

PM-736 Datasheet(HTML) 1 Page - Prokits Industries Co., LTD

  PM-736 Datasheet HTML 1Page - Prokits Industries Co., LTD PM-736 Datasheet HTML 2Page - Prokits Industries Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
P1 / 2
PRODUCT SPECIFICATION
PK-710KA Basic Electronic Tool Kit (with 110V soldering iron)
*** Picture for reference only. All specifications are subject to change by supplier. ***
Specifications:
PK-710KB (Meteic) Contents
1PK-067DS
Dual Color Side Cutting Plier (165mm)
1PK-125T
Super Fine Tip Straight Tweezer (120mm)
1PK-709DS
Dual Color Long Nose Plier (166mm)
8PK-3161
7 In 1 Tool for AWG18/16/14/12/10
8PK-366N-G
Desoldering Pump
9DP-031B
Desoldering wick(2.0mm)Length(1.5M)
9DP-3616A
Square scraper/Stainless steel brush
9DP-3616B
Slotted shaft/Split 45 lever
9DP-3616C
Tapered reamer/Tapered needle


Similar Part No. - PM-736

ManufacturerPart #DatasheetDescription
logo
Prokits Industries Co.,...
PM-736 PROSKITINDUSTRIES-PM-736 Datasheet
204Kb / 2P
Long Nose Plier (135mm)
PM-736 PROSKITINDUSTRIES-PM-736 Datasheet
266Kb / 4P
PK-1700NA Electronic Master Kit (with NEMA plug)
PM-736 PROSKITINDUSTRIES-PM-736 Datasheet
990Kb / 2P
PK-2002B Professional Electrical And Mechanical Tool Set, 220V (with EU plug)
PM-736 PROSKITINDUSTRIES-PM-736 Datasheet
988Kb / 2P
PK-2002C Professional Electrical And Mechanical Tool Set, 220V (with UK plug)
More results

Similar Description - PM-736

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5672A POMONA-5672A Datasheet
87Kb / 2P
Basic Electronic DMM Test Lead Kit
6343 POMONA-6343 Datasheet
27Kb / 1P
Basic Electronic Test Lead Kit
6344 POMONA-6344 Datasheet
27Kb / 1P
Basic Electronic Test Lead Kit
logo
List of Unclassifed Man...
SPG40 ETC2-SPG40 Datasheet
68Kb / 1P
Weller Replacement Soldering Iron, 40 watts, for WLC100 Soldering Station
logo
MERITEK ELECTRONICS COR...
WL MERITEK-WL Datasheet
1Mb / 15P
Very strong solderability by flow soldering, soldering iron or wave soldering
logo
List of Unclassifed Man...
TS100 ETC1-TS100 Datasheet
5Mb / 22P
Soldering Iron
SP40NKUS ETC1-SP40NKUS Datasheet
63Kb / 1P
Weller Soldering Iron Kit w/LEDs (40 Watt)
logo
Aven, Inc.
17501 AVEN-17501 Datasheet
668Kb / 1P
Soldering/Desoldering Kit - 6pc
logo
SparkFun Electronics
TOL-14456 SPARKFUN-TOL-14456 Datasheet
106Kb / 1P
Soldering Iron ??60W (Adjustable Temperature)
11????7
logo
Molex Electronics Ltd.
0638160270 MOLEX-0638160270 Datasheet
37Kb / 1P
Battery Powered Crimping Tool, 110V
08/26/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com