Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OT 40/220...240/24 P Datasheet(PDF) 2 Page - Intelligent LED Solutions

Part # OT 40/220...240/24 P
Description  OSRAM High Bright PowerFlex LED Strips 7.5mm LED Pitch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILS [Intelligent LED Solutions]
Direct Link  https://i-led.co.uk/
Logo ILS - Intelligent LED Solutions

OT 40/220...240/24 P Datasheet(HTML) 2 Page - Intelligent LED Solutions

  OT 40/220...240/24 P Datasheet HTML 1Page - Intelligent LED Solutions OT 40/220...240/24 P Datasheet HTML 2Page - Intelligent LED Solutions OT 40/220...240/24 P Datasheet HTML 3Page - Intelligent LED Solutions OT 40/220...240/24 P Datasheet HTML 4Page - Intelligent LED Solutions OT 40/220...240/24 P Datasheet HTML 5Page - Intelligent LED Solutions OT 40/220...240/24 P Datasheet HTML 6Page - Intelligent LED Solutions OT 40/220...240/24 P Datasheet HTML 7Page - Intelligent LED Solutions OT 40/220...240/24 P Datasheet HTML 8Page - Intelligent LED Solutions OT 40/220...240/24 P Datasheet HTML 9Page - Intelligent LED Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
© IGS Version V5
+44 (0)1635 294606 | info@i-led.co.uk | www.i-led.co.uk
Intelligent LED Solutions, Unit 2, Berkshire Business Centre,
Berkshire Drive, Thatcham, Berkshire, RG19 4EW
A division of Intelligent Group Solutions Ltd
2 of 11
APPLICATIONS INCLUDE
» General and decorative lighting
» Task lighting
» Back lighting
» Desk lighting
» Garage lighting
» Accent lighting
» Under cabinet lighting
» Bar lighting
» Refrigeration
» Industrial applications
» Photography
TECHNICAL FEATURES
LED/s
DURIS E5/E2825 LEDs
Reel Length
3240mm
LED Pitch
7.5mm
Lumens (brightness)
1200 Lumen per reel / 3456 lumens per metre
Working Voltage
24V DC constant voltage
Strip Width
10mm
Dimmable
Fully dimmable with external controller
Beam Angle
120 Degrees
Cut
Cut lines every 45mm
Mounting
3M double sided thermal tape
Consistency
Precise LED binning selection enables 100% consistent colour temperature from batch to batch
Heatsinks
These Heatsinks are supplied with end caps, mounting brackets and 2 diffusers - clear or diffused. Suitable options on
page 6 or
visit
our website for a full range
Power Supply
Product Family 7.5mm Pitch – Reel Length 3240mm, 45mm Cut Point. Suitable options on
page 7 or visit our website for a full
range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com