Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OT 40/220...240/24 P Datasheet(PDF) 3 Page - Intelligent LED Solutions

Part # OT 40/220...240/24 P
Description  OSRAM High Bright PowerFlex LED Strips 7.5mm LED Pitch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILS [Intelligent LED Solutions]
Direct Link  https://i-led.co.uk/
Logo ILS - Intelligent LED Solutions

OT 40/220...240/24 P Datasheet(HTML) 3 Page - Intelligent LED Solutions

  OT 40/220...240/24 P Datasheet HTML 1Page - Intelligent LED Solutions OT 40/220...240/24 P Datasheet HTML 2Page - Intelligent LED Solutions OT 40/220...240/24 P Datasheet HTML 3Page - Intelligent LED Solutions OT 40/220...240/24 P Datasheet HTML 4Page - Intelligent LED Solutions OT 40/220...240/24 P Datasheet HTML 5Page - Intelligent LED Solutions OT 40/220...240/24 P Datasheet HTML 6Page - Intelligent LED Solutions OT 40/220...240/24 P Datasheet HTML 7Page - Intelligent LED Solutions OT 40/220...240/24 P Datasheet HTML 8Page - Intelligent LED Solutions OT 40/220...240/24 P Datasheet HTML 9Page - Intelligent LED Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
© IGS Version V5
+44 (0)1635 294606 | info@i-led.co.uk | www.i-led.co.uk
Intelligent LED Solutions, Unit 2, Berkshire Business Centre,
Berkshire Drive, Thatcham, Berkshire, RG19 4EW
A division of Intelligent Group Solutions Ltd
3 of 11
PRODUCT OPTIONS
ILS Part Number
Colour
Colour Temp*
(Degrees Kelvin)
Typical Power W §
Drive
Voltage
Flux †
per 3240mm
reel
Radiance
Angle
Relevant OSRAM
LED Data
per
3240mm
per
45mm cut
ILX-E507-WM10-3240-SD201
Warm White
(3000K)
70.00W
0.96W
24V
8064lm
120˚
(±60°)
GWJDSH /
GWJTLMS1
ILX-E507-NW10-3240-SD201
Neutral White
(4000K)
70.00W
0.96W
24V
8064lm
120˚
(±60°)
GWJDSH /
GWJTLMS1
ILX-E507-WM10-3240-SD211
Warm White
(3000K)
104.00W
1.44W
24V
11200lm
120˚
(±60°)
GWJDSH /
GWJTLMS1
ILX-E507-NW10-3240-SD211
Neutral White
(4000K)
104.00W
1.44W
24V
11200lm
120˚
(±60°)
GGWJDSH /
GWJTLMS1
ILX-E507-SW10-3240-SD201
Street White
(5500K)
70.00W
0.96W
24V
8064lm
120˚
(±60°)
GWJDSH /
GWJTLMS1
ILX-E507-SW10-3240-SD211
Street White
(5500K)
104.00W
1.44W
24V
11200lm
120˚
(±60°)
GWJDSH /
GWJTLMS1
*Due to the special conditions of the manufacturing processes of LEDs, the typical data of technical parameters can only reflect statistical figures and do not necessarily
correspond to the actual parameters of each single product which could differ from the typical data.
§ Tolerance +/- 10%
† Measured with 20mS 350mA pulse at 25˚C
MINIMUM AND MAXIMUM RATINGS
ILS Part Number
Operating Temperature at
Tc-Point [˚C]*
Storage
Temperature [˚C]*
Forward Current per chip
[mA]*
Reverse Voltage [Vdc]*
ILX-E507-WM10-3240-SD201.
70°C max
- 40 to 110˚C
24V max
Not designed for
reverse voltage
ILX-E507-NW10-3240-SD201.
70°C max
- 40 to 110˚C
24V max
Not designed for
reverse voltage
ILX-E507-WM10-3240-SD211.
70°C max
- 40 to 110˚C
24V max
Not designed for
reverse voltage
ILX-E507-NW10-3240-SD211
70°C max
- 40 to 110˚C
24V max
Not designed for
reverse voltage
ILX-E507-SW10-3240-SD201.
70°C max
- 40 to 110˚C
24V max
Not designed for
reverse voltage
ILX-E507-SW10-3240-SD211.
70°C max
- 40 to 110˚C
24V max
Not designed for
reverse voltage
* Exceeding maximum ratings for operating and storage temperature will reduce expected life time or destroy the LED module. Exceeding maximum ratings for
operating voltage will cause hazardous overload and is likely to destroy the LED module. The temperature of the LED module must be measured at the Tc-Point according
to EN60598-1 in a thermally constant status with a temperature sensor or a temperature sensitive label.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com