Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS8EQ Datasheet(PDF) 16 Page - PANDUIT CORP.

Part # LS8EQ
Description  TIA/EIA-606-A Labeling Compliance
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

LS8EQ Datasheet(HTML) 16 Page - PANDUIT CORP.

Back Button LS8EQ Datasheet HTML 12Page - PANDUIT CORP. LS8EQ Datasheet HTML 13Page - PANDUIT CORP. LS8EQ Datasheet HTML 14Page - PANDUIT CORP. LS8EQ Datasheet HTML 15Page - PANDUIT CORP. LS8EQ Datasheet HTML 16Page - PANDUIT CORP. LS8EQ Datasheet HTML 17Page - PANDUIT CORP. LS8EQ Datasheet HTML 18Page - PANDUIT CORP. LS8EQ Datasheet HTML 19Page - PANDUIT CORP. LS8EQ Datasheet HTML 20Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
14
LabelCore ™ Fiber Optic Cable Identification System
Order number of labels required in multiples of Standard Package Quantity.
^Use this label with NWSLC-2Y LabelCore ™ Sleeve to identify 2mm fiber, and with NWSLC-3Y LabelCore ™ Sleeve to identify 3mm fiber.
+Use this label with NWSLC-7Y LabelCore ™ Sleeve to identify 3mm duplex fiber.
Order number of labels required in multiples of Std. Pkg. Qty.
^Use this label with NWSLC-2Y LabelCore ™ Sleeve to identify 2mm fiber, and with NWSLC-3Y LabelCore ™ Sleeve to identify 3mm fiber.
+Use this label with NWSLC-7Y LabelCore ™ Sleeve to identify 3mm duplex fiber.
Apply LabelCore ™
Sleeve to cable
Wrap label around
LabelCore ™ Sleeve
PanTher ™ LS8E Hand-Held Thermal Transfer Labels
Order number of sleeves required in multiple of Standard Package Quantity.
Locate on straight section of cable at least two inches from fiber boot.
TDP43MY Desktop Thermal Transfer Labels
Order number of labels required in multiples of Standard Package Quantity.
^Use this label with NWSLC-2Y LabelCore ™ Sleeve to identify 2mm fiber, and with NWSLC-3Y LabelCore ™ Sleeve to identify 3mm fiber.
+Use this label with NWSLC-7Y LabelCore ™ Sleeve to identify 3mm duplex fiber.
Network Labeling System
Desktop Laser/Ink Jet Labels
Part Number
Part Description
Width
Length
Print-On
Area Height
Min. Cable
Diameter
Max. Cable
Diameter
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In.
mm
In.
mm
In.
mm
In.
mm
In.
mm
S100X150YAJ
White print-on area, polyester label.
1.00 25.40 1.50 38.10 .50 12.70 .16
4.04
.32
8.09 2500 10000
S100X160YAJ ^
White print-on area, polyester label.
1.00 25.40 1.60 40.64 .80 20.32 .25
6.35
.25
6.35 2500 10000
S100X220YAJ +
White print-on area, polyester label.
1.00 25.40 2.20 55.88 1.10 27.94 .35
8.89
.35
8.89 1000 5000
Part Number
Part Description
Width
Length
Print-On
Area Height
Min. Cable
Diameter
Max. Cable
Diameter
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In.
mm
In.
mm
In.
mm
In.
mm
In.
mm
S100X150VAC
White print-on area, vinyl label for Cat.
5e/Cat. 6 cables, 200/cassette.
1.00 25.40 1.50 38.10 .50 12.70 .16
4.04
.32
8.09
1
10
S100X160VAC^
White print-on area, vinyl label 175/cassette.
For use with LabelCore ™ Sleeves
NWSLC-2Y and NWSLC-3Y.
1.00 25.40 1.60 40.64 .80 20.32 .25
6.35
.25
6.35
1
10
S100X220VAC+
White print-on area, vinyl label for 8 – 4
wires, 125/cassette. For use with
NWSLC-7Y.
1.00 25.40 2.20 55.88 .80 27.94 .48 12.19 .48 12.19
1
10
Part Number
Part Description
Width
Length
Print-On
Area Height
Min. Cable
Diameter
Max. Cable
Diameter
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In.
mm
In.
mm
In.
mm
In.
mm
In.
mm
S100X150VATY^
White print-on area, vinyl label.
1.00 25.40 1.50 38.10 .50 12.70 .16
4.04
.32
8.09 5000 20000
S100X225VATY+
White print-on area, vinyl label.
1.00 25.40 2.25 57.15 .75 19.05 .24
6.06
.48 12.13 5000 20000
Part Number
Part Description
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
NWSLC-2Y
Yellow, cable identification sleeve for 2mm simplex
fiber cable.
100
1000
NWSLC-3Y
Orange, cable identification sleeve for 3mm simplex
fiber cable.
100
1000
NWSLC-7Y
White, cable identification sleeve for 3mm duplex
fiber cable.
100
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com