Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS8EQ Datasheet(PDF) 21 Page - PANDUIT CORP.

Part # LS8EQ
Description  TIA/EIA-606-A Labeling Compliance
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

LS8EQ Datasheet(HTML) 21 Page - PANDUIT CORP.

Back Button LS8EQ Datasheet HTML 17Page - PANDUIT CORP. LS8EQ Datasheet HTML 18Page - PANDUIT CORP. LS8EQ Datasheet HTML 19Page - PANDUIT CORP. LS8EQ Datasheet HTML 20Page - PANDUIT CORP. LS8EQ Datasheet HTML 21Page - PANDUIT CORP. LS8EQ Datasheet HTML 22Page - PANDUIT CORP. LS8EQ Datasheet HTML 23Page - PANDUIT CORP. LS8EQ Datasheet HTML 24Page - PANDUIT CORP. LS8EQ Datasheet HTML 25Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
19
For service and technical support, call 800-777-3300 or visit www.panduit.com
Horizontal Link Identification – Connectors
Section 5.1.2 States
A horizontal link identifier, unique within the building, shall be assigned to each horizontal link and to its elements.
In the work area, each individual telecommunications outlet/connector shall be labeled with the horizontal link
identifier. The labeling shall appear on the connector, faceplate, or MUTOA, in a way that clearly identifies the
individual connector associated with the particular identifier. A horizontal link identifier shall have a format of
“fs-an” where:
f = numeric character(s) identifying the floor of the building occupied by the TS (Telecommunications Space)
s = alpha character(s) uniquely identifying the TS on floor f, or the building area in which the space is located
a = one to two alpha characters uniquely identifying a single patch panel or a group of patch panels with
sequentially numbered ports, an IDC connector or a group of IDC connectors, serving as part of the
horizontal cross-connect
n = two to four numeric characters designating the port on a patch panel in the TS or the section of an IDC
connector on which a four pair horizontal cable is terminated in the TS
For example:
“1A-B01” = origination point first floor,
TS A, patch panel B, position 01
Panduit labels for laser/ink jet and thermal transfer printers can be generated by a
mechanical device and are made of durable polymer construction that will withstand the
effects of moisture, heat, and time.
Desktop Laser/Ink Jet Labels
Order number of labels required in multiples of Standard Package Quantity.
TDP43MY Desktop Thermal Transfer Labels
PanTher ™ LS8E Hand-Held Thermal Transfer Printer Label Cassette
Order number of cassettes required.
Order number of labels required in multiples of Standard Package Quantity.
Part Number
Part Description
Width
Height
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In.
mm
In.
mm
C138X019FJJ
White, polyolefin label, Mini-Com ®
Module identifier.
1.38
35.05
.19
4.83
2500 12500
Part Number
Part Description
Width
Height
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In.
mm
In.
mm
C138X019YPT
White, polyester label, Mini-Com ®
Module identifier.
1.38
35.05
.19
4.83
2500 10000
Part Number
Part Description
Width
Height
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In.
mm
In.
mm
C138X019FJC
White, polyolefin label, 200/cassette, Mini-Com ®
Module identifier.
1.38
35.05
.19
4.83
1
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com