Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS8-WS Datasheet(PDF) 8 Page - PANDUIT CORP.

Part # LS8-WS
Description  TIA/EIA-606-A Labeling Compliance
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

LS8-WS Datasheet(HTML) 8 Page - PANDUIT CORP.

Back Button LS8-WS Datasheet HTML 4Page - PANDUIT CORP. LS8-WS Datasheet HTML 5Page - PANDUIT CORP. LS8-WS Datasheet HTML 6Page - PANDUIT CORP. LS8-WS Datasheet HTML 7Page - PANDUIT CORP. LS8-WS Datasheet HTML 8Page - PANDUIT CORP. LS8-WS Datasheet HTML 9Page - PANDUIT CORP. LS8-WS Datasheet HTML 10Page - PANDUIT CORP. LS8-WS Datasheet HTML 11Page - PANDUIT CORP. LS8-WS Datasheet HTML 12Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
UICFP6S
Mini-Com ® Ultimate ID ® Stainless Steel Faceplates
• Impact resistant 304 stainless steel suitable for light industrial environments
All faceplate supplied with mounting screws.
Mini-Com ® Ultimate ID ® Tamper Resistant Faceplate Kit
• Includes tamper resistant screw to prevent unauthorized
access to the connections
• Front accessible inserts are recessed and provide a 30°
slope to provide proper bend radius control
• Requires minimum in-wall box depth of 2.125"
‡For other colors replace suffix IW (Off White) with EI (Electric Ivory) or WH (White).
All faceplates supplied with mounting screws.
1/16" hex key required for installation of tamper resistant screw.
Part Number
Part Description
Color‡
Labels
Required*
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
UICFPRTR4IW
Tamper resistant faceplate kit includes
faceplate frame, two recessed modular
inserts, faceplate cover with additional
outlet station identifier and tamper
resistant screw. Holds up to four
Mini-Com ® Modules.
Off
White
One 1-Port
Two 2-Port
110
6
Mini-Com ® Ultimate ID ® Modular Furniture Faceplate
• Fits standard furniture openings
‡For other colors replace suffix BL (Black) with EI (Electric Ivory), IG (International Gray), or IW (Off White).
1.34" to 1.40"
(34.20mm to 35.70mm)
2.67" to 2.75"
(67.82mm to 69.85mm)
Panel Cutout Requirement
Part Number
Part Description
Color‡
Labels
Required *
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
UICFFP4BL
Faceplate snaps into standard knockouts
found on modular furniture. Holds up to
four Mini-Com ® Modules. See panel
cutout requirement.
Black
One 1-Port
One 4-Port
110
Part Number
Part Description
Labels
Required*
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
UICFP2S
Single gang, vertical stainless steel faceplate holds
up to two Mini-Com ® Modules.
One 1-Port
One 2-Port
110
UICFP4S
Single gang, vertical stainless steel faceplate holds
up to four Mini-Com ® Modules.
One 1-Port
Two 2-Port
110
UICFP6S
Single gang, vertical stainless steel faceplate holds
up to six Mini-Com ® Modules. Requires minimum
1.9" wide in wall box or wallboard adapter for
proper installation.
One 1-Port
Two 3-Port
110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com