Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS8-WS Datasheet(PDF) 13 Page - PANDUIT CORP.

Part # LS8-WS
Description  TIA/EIA-606-A Labeling Compliance
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

LS8-WS Datasheet(HTML) 13 Page - PANDUIT CORP.

Back Button LS8-WS Datasheet HTML 9Page - PANDUIT CORP. LS8-WS Datasheet HTML 10Page - PANDUIT CORP. LS8-WS Datasheet HTML 11Page - PANDUIT CORP. LS8-WS Datasheet HTML 12Page - PANDUIT CORP. LS8-WS Datasheet HTML 13Page - PANDUIT CORP. LS8-WS Datasheet HTML 14Page - PANDUIT CORP. LS8-WS Datasheet HTML 15Page - PANDUIT CORP. LS8-WS Datasheet HTML 16Page - PANDUIT CORP. LS8-WS Datasheet HTML 17Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
11
For service and technical support, call 800-777-3300 or visit www.panduit.com
Mini-Com ® Ultimate ID ® Replacement Patch Panel Faceplates
Faceplates shown with labels installed; labels sold separately.
UICPP2L4BL
UICPPL4BL
Part Number
Part Description
Labels
Required
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
UICPP2L4BL
Patch panel faceplate with two label pockets, accepts
up to four Mini-Com ® Modules.
Two
4-Port
110
UICPPL4BL
Patch panel faceplate with one label pocket, accepts
up to four Mini-Com ® Modules.
One
4-Port
110
Mini-Com ® Ultimate ID ® TX6 ™ PLUS Modular Patch Panel Kits
• Supplied with black Mini-Com ® TX6 ™ PLUS Jack Modules
• Include color coded termination caps
• Front access faceplates in panels
• Labels sold separately
• Can be clearly identified with the PanTher ™ LS8E
Hand-Held Thermal Transfer Printers
UICMPPKA6G24BL
UICMPPK6G24BL
^One rack space = 1.75" (44.45mm).
Includes #12-24 and metric M6 screws to mount the patch panel to the rack.
Part Number
Part Description
Labels
Required
No. of
Rack
Spaces^
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
Mini-Com ® Ultimate ID ® Angled Modular Patch Panel Kits
UICMPPKA6G24BL
24-port UICMPPA24BL angled patch panel
with 24 CJ688TGBL Jack Modules.
Six
4-Port
11
10
Mini-Com ® Ultimate ID ® Modular Patch Panel Kits
UICMPPK6G24BL
24-port UICMPP24BL patch panel with 24
CJ688TGBL Jack Modules.
Six
4-Port
11
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com