Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP40G03GD Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP40G03GD
Description  30V NP-Channel Enhancement Mode MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP40G03GD Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP40G03GD Datasheet HTML 1Page - A POWER MICROELECTRONICS AP40G03GD Datasheet HTML 2Page - A POWER MICROELECTRONICS AP40G03GD Datasheet HTML 3Page - A POWER MICROELECTRONICS AP40G03GD Datasheet HTML 4Page - A POWER MICROELECTRONICS AP40G03GD Datasheet HTML 5Page - A POWER MICROELECTRONICS AP40G03GD Datasheet HTML 6Page - A POWER MICROELECTRONICS AP40G03GD Datasheet HTML 7Page - A POWER MICROELECTRONICS AP40G03GD Datasheet HTML 8Page - A POWER MICROELECTRONICS AP40G03GD Datasheet HTML 9Page - A POWER MICROELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AP40G03GD
30V N+P-Channel Enhancement Mode MOSFET
AP40G03GD REV1.0
永源微電子科技有限公司
Description
The AP40G03GD uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 4.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = 30V ID =47A
RDS(ON) < 10mΩ @ VGS=10V (Type:6.8mΩ)
VDS = -30V ID =-42A
RDS(ON) < 17mΩ @ VGS=-10V (Type:13.5mΩ)
Application
BLDC
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP40G03GD
TO-252-4L
AP50G03GD XXX YYYY
2500
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Parameter
N-Ch
P-Ch
Units
VDS
Drain-Source Voltage
30
-30
V
VGS
Gate-Source Voltage
±20
±20
V
ID@TC=25℃
Continuous Drain Current, VGS @ 10V1
47
-42
A
ID@TC=100℃
Continuous Drain Current, VGS @ 10V1
33
-30
A
IDM
Pulsed Drain Current2
141
-126
A
EAS
Single Pulse Avalanche Energy3
289
378
mJ
IAS
Avalanche Current
20
20
A
PD@TC=25℃
Total Power Dissipation4
43
39
W
TSTG
Storage Temperature Range
-55 to 150
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
-55 to 150
℃
RθJA
Thermal Resistance Junction-Ambient 1
62.5
℃
/W
RθJC
Thermal Resistance Junction-Case1
2.3
℃
/W


Similar Part No. - AP40G03GD

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP40G03NF APME-AP40G03NF Datasheet
1Mb / 10P
30V NP-Channel Enhancement Mode MOSFET
More results

Similar Description - AP40G03GD

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
YFW3G03LI YFWDIODE-YFW3G03LI Datasheet
1Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW6G03S YFWDIODE-YFW6G03S Datasheet
1Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW8G03ES YFWDIODE-YFW8G03ES Datasheet
1Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW15G03ES YFWDIODE-YFW15G03ES Datasheet
1Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW15G03NF YFWDIODE-YFW15G03NF Datasheet
1Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW20G03NF YFWDIODE-YFW20G03NF Datasheet
2Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW25G03GD YFWDIODE-YFW25G03GD Datasheet
2Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW40G03NF YFWDIODE-YFW40G03NF Datasheet
1Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW80G03NF YFWDIODE-YFW80G03NF Datasheet
2Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
logo
Guangdong Youtai Semico...
AO4606 UMW-AO4606 Datasheet
2Mb / 8P
30V NP-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com