Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP40G03GD Datasheet(PDF) 8 Page - A POWER MICROELECTRONICS

Part # AP40G03GD
Description  30V NP-Channel Enhancement Mode MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP40G03GD Datasheet(HTML) 8 Page - A POWER MICROELECTRONICS

Back Button AP40G03GD Datasheet HTML 2Page - A POWER MICROELECTRONICS AP40G03GD Datasheet HTML 3Page - A POWER MICROELECTRONICS AP40G03GD Datasheet HTML 4Page - A POWER MICROELECTRONICS AP40G03GD Datasheet HTML 5Page - A POWER MICROELECTRONICS AP40G03GD Datasheet HTML 6Page - A POWER MICROELECTRONICS AP40G03GD Datasheet HTML 7Page - A POWER MICROELECTRONICS AP40G03GD Datasheet HTML 8Page - A POWER MICROELECTRONICS AP40G03GD Datasheet HTML 9Page - A POWER MICROELECTRONICS AP40G03GD Datasheet HTML 10Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
AP40G03GD
30V N+P-Channel Enhancement Mode MOSFET
AP40G03GD REV1.0
永源微電子科技有限公司
Package Mechanical Data-TO-252-4L-Duble-DX
Symbol
Common
mm
Mim
Nom
Max
D
6.30
6.55
6.80
D1
4.80
5.35
5.90
C
9.70
10.00
10.30
E
5.90
6.10
6.30
E3
4.50
5.15
5.80
L
0.90
1.35
1.80
L1
2.60
2.85
3.05
L2
0.50
0.85
1.20
b
0.30
0.50
0.70
b1
0.40
0.60
0.80
A
2.10
2.30
2.50
A2
0.40
0.53
0.65
A1
0.00
0.10
0.20
e
1.17
1.27
1.37



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com