Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP40G04NF Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP40G04NF
Description  40V NP-Channel Enhancement Mode MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP40G04NF Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP40G04NF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP40G04NF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP40G04NF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP40G04NF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP40G04NF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP40G04NF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP40G04NF Datasheet HTML 7Page - A POWER MICROELECTRONICS AP40G04NF Datasheet HTML 8Page - A POWER MICROELECTRONICS AP40G04NF Datasheet HTML 9Page - A POWER MICROELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AP40G04NF
40V N+P-Channel Enhancement Mode MOSFET
AP40G04NF RVE1.0
永源微電子科技有限公司
Description
The AP40G04NF uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 4.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = 40V ID =42A
RDS(ON) < 10mΩ @ VGS=10V (Type:7mΩ)
VDS = -40V ID =-38A
RDS(ON) < 13mΩ @ VGS=-10V (Type:10mΩ)
Application
Wireless charging
Boost driver
Brushless motor
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP40G04NF
PDFN5*6-8L
AP40G04NF XXX YYYY
5000
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Parameter
N-Ch
P-Ch
Units
VDS
Drain-Source Voltage
40
-40
V
VGS
Gate-Source Voltage
±20
±20
V
ID@TC=25℃
Continuous Drain Current, VGS @ 10V1
42
-38
A
ID@TC=100℃
Continuous Drain Current, VGS @ 10V1
32.5
-27.5
A
IDM
Pulsed Drain Current2
123
-115
A
EAS
Single Pulse Avalanche Energy3
289
378
mJ
IAS
Avalanche Current
42
50
A
PD@TC=25℃
Total Power Dissipation4
46
41.3
W
TSTG
Storage Temperature Range
-55 to 150
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
-55 to 150
℃
RθJA
Thermal Resistance Junction-Ambient 1
25
℃
/W
RθJC
Thermal Resistance Junction-Case1
2.3
℃
/W


Similar Part No. - AP40G04NF

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP40G04GD APME-AP40G04GD Datasheet
1Mb / 10P
40V NP-Channel Enhancement Mode MOSFET
REV1.1
More results

Similar Description - AP40G04NF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP4051LK3 DIODES-DMP4051LK3_10 Datasheet
673Kb / 8P
40V P-CHANNEL ENHANCEMENT MODE MOSFET
DS32114 Rev. 2 - 2
ZXMP4A16G DIODES-ZXMP4A16G Datasheet
277Kb / 7P
40V P-CHANNEL ENHANCEMENT MODE MOSFET
JULY 2003
logo
DONGGUAN YOU FENG WEI E...
YFW10G04DF YFWDIODE-YFW10G04DF Datasheet
1Mb / 8P
40V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW10G04S YFWDIODE-YFW10G04S Datasheet
1Mb / 8P
40V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW6G04S YFWDIODE-YFW6G04S Datasheet
2Mb / 8P
40V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW8G04S YFWDIODE-YFW8G04S Datasheet
1Mb / 8P
40V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW15G04NF YFWDIODE-YFW15G04NF Datasheet
1Mb / 8P
40V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW20G04GD YFWDIODE-YFW20G04GD Datasheet
2Mb / 8P
40V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW20G04NF YFWDIODE-YFW20G04NF Datasheet
1Mb / 8P
40V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW25G04GD YFWDIODE-YFW25G04GD Datasheet
1Mb / 8P
40V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com