Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP40H03DF2 Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP40H03DF2
Description  30V NN-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP40H03DF2 Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP40H03DF2 Datasheet HTML 1Page - A POWER MICROELECTRONICS AP40H03DF2 Datasheet HTML 2Page - A POWER MICROELECTRONICS AP40H03DF2 Datasheet HTML 3Page - A POWER MICROELECTRONICS AP40H03DF2 Datasheet HTML 4Page - A POWER MICROELECTRONICS AP40H03DF2 Datasheet HTML 5Page - A POWER MICROELECTRONICS AP40H03DF2 Datasheet HTML 6Page - A POWER MICROELECTRONICS AP40H03DF2 Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP40H03DF2
30V N+N-Channel Enhancement Mode MOSFET
AP40H03DF2 REV1.0
永源微電子科技有限公司
Description
The AP40H03DF2 uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 4.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS=30V ID =40A
RDS(ON) < 10mΩ @ VGS=10V
(Type:7.8mΩ)
Application
Battery protection
Load switch
Uninterruptible power supply
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP40H03DF2
DFN3*3B-8L
AP40N03DF2 XXXX YYYY
5000
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
30
V
VGS
Gate-Source Voltage
±20
V
ID@TC=25
℃
Continuous Drain Current, VGS @ 10V1
40
A
ID@TC=100
℃
Continuous Drain Current, VGS @ 10V1
23
A
IDM
Pulsed Drain Current2
120
A
PD@TC=25
℃
Total Power Dissipation
137.5
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
RθJA
Thermal Resistance Junction-Ambient 1
85
℃/W
RθJC
Thermal Resistance Junction-Case1
4
℃/W


Similar Part No. - AP40H03DF2

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP40H03NF APME-AP40H03NF Datasheet
841Kb / 7P
30V NN-Channel Enhancement Mode MOSFET
REV1.0
More results

Similar Description - AP40H03DF2

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN3A01E6 ZETEX-ZXMN3A01E6 Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A01F ZETEX-ZXMN3A01F Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMN3024LSS DIODES-DMN3024LSS Datasheet
311Kb / 8P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3K14N3 CYSTEKEC-MTN3K14N3 Datasheet
625Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
logo
DONGGUAN YOU FENG WEI E...
YFW6H03S YFWDIODE-YFW6H03S Datasheet
1Mb / 5P
30V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW7H03DF YFWDIODE-YFW7H03DF Datasheet
1Mb / 5P
30V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW10H03DF YFWDIODE-YFW10H03DF Datasheet
1Mb / 5P
30V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW10H03S YFWDIODE-YFW10H03S Datasheet
1Mb / 5P
30V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW20H03NF YFWDIODE-YFW20H03NF Datasheet
1Mb / 5P
30V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW80H03GD YFWDIODE-YFW80H03GD Datasheet
2Mb / 5P
30V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com