Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP40H03DF2 Datasheet(PDF) 5 Page - A POWER MICROELECTRONICS

Part # AP40H03DF2
Description  30V NN-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP40H03DF2 Datasheet(HTML) 5 Page - A POWER MICROELECTRONICS

  AP40H03DF2 Datasheet HTML 1Page - A POWER MICROELECTRONICS AP40H03DF2 Datasheet HTML 2Page - A POWER MICROELECTRONICS AP40H03DF2 Datasheet HTML 3Page - A POWER MICROELECTRONICS AP40H03DF2 Datasheet HTML 4Page - A POWER MICROELECTRONICS AP40H03DF2 Datasheet HTML 5Page - A POWER MICROELECTRONICS AP40H03DF2 Datasheet HTML 6Page - A POWER MICROELECTRONICS AP40H03DF2 Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AP40H03DF2
30V N+N-Channel Enhancement Mode MOSFET
AP40H03DF2 REV1.0
永源微電子科技有限公司
Package Mechanical Data-DFN3*3B-8L Double
Symbol
Common(mm)
Min
Nom
Max
A
0.70
0.75
0.80
A1
0.00
0.02
0.05
b
0.35
0.40
0.40
A2
0.203BSC
D
2.95
3.00
3.05
E
2.95
3.00
3.05
D1
2.25
2.30
2.35
E2
0.09
0.95
1.00
E3
0.45
0.50
0.55
e
0.65BSC
e1
1.95 BSC
K
0.20
0.25
0.30
L
0.30
0.35
0.40
r
0.15REF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com