Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP40H06DF Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP40H06DF
Description  60V NN-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP40H06DF Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP40H06DF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP40H06DF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP40H06DF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP40H06DF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP40H06DF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP40H06DF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP40H06DF Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP40H06DF
60V N+N-Channel Enhancement Mode MOSFET
AP40H06DF RVE1.1
永源微電子科技有限公司
Description
The AP40H06DF uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 4.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = 60V ID =40A
RDS(ON) < 32mΩ @ VGS=10V (Type:20mΩ)
Application
Battery protection
Load switch
Uninterruptible power supply
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP40H06DF
PDFN3*3-8L
AP40H06DF XXXX YYYY
5000
Absolute Maximum Ratings (TC=25
℃unless otherwise noted)
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
60
V
VGS
Gate-Source Voltage
±
20
V
ID@TC=25℃
Continuous Drain Current, VGS @ 10V1
40
A
ID@TC=100℃
Continuous Drain Current, VGS @ 10V1
18
A
IDM
Pulsed Drain Current2
114
A
EAS
Single Pulse Avalanche Energy3
25.5
mJ
IAS
Avalanche Current
22
A
PD@TC=25℃
Total Power Dissipation4
34.7
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
RθJA
Thermal Resistance Junction-Ambient 1
85
℃
/W
RθJC
Thermal Resistance Junction-Case1
3.6
℃
/W


Similar Part No. - AP40H06DF

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP40H02DF APME-AP40H02DF Datasheet
1Mb / 7P
20V NN-Channel Enhancement Mode MOSFET
AP40H03DF2 APME-AP40H03DF2 Datasheet
754Kb / 7P
30V NN-Channel Enhancement Mode MOSFET
REV1.0
AP40H03NF APME-AP40H03NF Datasheet
841Kb / 7P
30V NN-Channel Enhancement Mode MOSFET
REV1.0
AP40H04NF2 APME-AP40H04NF2 Datasheet
780Kb / 7P
40V NN-Channel Enhancement Mode MOSFET
REV1.0
More results

Similar Description - AP40H06DF

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN6A07F ZETEX-ZXMN6A07F Datasheet
1Mb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN6A08E6 ZETEX-ZXMN6A08E6 Datasheet
850Kb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJP6000 PANJIT-PJP6000 Datasheet
127Kb / 4P
60V N-Channel Enhancement Mode MOSFET
2N7002DW PANJIT-2N7002DW_1 Datasheet
164Kb / 5P
60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN6040SVT-7 DIODES-DMN6040SVT-7 Datasheet
205Kb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 10
logo
DONGGUAN YOU FENG WEI E...
YFW8H06S YFWDIODE-YFW8H06S Datasheet
1Mb / 5P
60V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW15H06S YFWDIODE-YFW15H06S Datasheet
1Mb / 5P
60V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW50H06NF YFWDIODE-YFW50H06NF Datasheet
1Mb / 5P
60V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW6946S YFWDIODE-YFW6946S Datasheet
1Mb / 5P
60V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFWG70H06NF YFWDIODE-YFWG70H06NF Datasheet
2Mb / 5P
60V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com