Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP40H10NF Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP40H10NF
Description  100V NN-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP40H10NF Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP40H10NF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP40H10NF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP40H10NF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP40H10NF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP40H10NF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP40H10NF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP40H10NF Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP40H10NF
100V N+N-Channel Enhancement Mode MOSFET
AP40H10NF RVE1.0
永源微電子科技有限公司
Description
The AP40H10NF uses advanced APM-SGT II technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 4.5V. This
device is suitable for use as a Battery
protection or in other Switching application.
General Features
VDS = 100V ID =40A
RDS(ON) < 20mΩ @ VGS=10V (Type:14mΩ)
Application
Consumer electronic power supply
Motor control
Synchronous-rectification
Isolated DC
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP40H10NF
PDFN5*6-8L
AP40H10NF XXX YYYY
5000
Absolute Maximum Ratings (TC=25
℃unless otherwise noted)
Symbol
Parameter
Rating
Units
VDS
Drain source voltage
100
V
VGS
Gate source voltage
±20
V
ID
Continuous drain current1), TC=25 ℃
40
A
ID, pulse
Pulsed drain current2), TC=25 ℃
120
A
PD
Power dissipation3), TC=25 ℃
71
W
EAS
Single pulsed avalanche energy5)
57
mJ
Tstg,Tj
Operation and storage temperature
-55 to 150
℃
RθJC
Thermal resistance, junction-case
1.76
℃
/W
RθJA
Thermal resistance, junction-ambient4)
25
°C/W


Similar Part No. - AP40H10NF

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP40H15NF APME-AP40H15NF Datasheet
763Kb / 7P
150V NN-Channel Enhancement Mode MOSFET
REV1.0
More results

Similar Description - AP40H10NF

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN10A11G ZETEX-ZXMN10A11G Datasheet
1Mb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10B08E6 ZETEX-ZXMN10B08E6 Datasheet
252Kb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN10A08DN8 DIODES-ZXMN10A08DN8 Datasheet
185Kb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
JANUARY 2005
ZXMN10A09K DIODES-ZXMN10A09K Datasheet
660Kb / 8P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 7
ZXMN10A11K DIODES-ZXMN10A11K Datasheet
670Kb / 8P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMT10H015LK3 DIODES-DMT10H015LK3 Datasheet
533Kb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
logo
Shanghai Leiditech Elec...
LMTL5N10 LEIDITECH-LMTL5N10 Datasheet
6Mb / 5P
100V N-Channel Enhancement Mode MOSFET
logo
DONGGUAN YOU FENG WEI E...
YFW8H10S YFWDIODE-YFW8H10S Datasheet
1Mb / 5P
100V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW10H10S YFWDIODE-YFW10H10S Datasheet
1Mb / 5P
100V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFWG40H10NF YFWDIODE-YFWG40H10NF Datasheet
1Mb / 5P
100V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com