Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP40H10NF Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP40H10NF
Description  100V NN-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP40H10NF Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP40H10NF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP40H10NF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP40H10NF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP40H10NF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP40H10NF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP40H10NF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP40H10NF Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP40H10NF
100V N+N-Channel Enhancement Mode MOSFET
AP40H10NF RVE1.0
永源微電子科技有限公司
Electrical Characteristics (TC=25℃unless otherwise noted)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
BVDSS
Drain-source breakdown
voltage
VGS=0 V, ID=250 μA
100
107
V
VGS(th)
Gate threshold voltage
VDS=VGS, ID=250 μA
1.2
1.5
2.5
V
RDS(ON)
Drain-source on-state
resistance
VGS=10 V, ID=10 A
14
20
mΩ
RDS(ON)
Drain-source on-state
resistance
VGS=4.5 V, ID=7 A
18
25
mΩ
IGSS
Gate-source leakage current
VGS=±20 V
±100
nA
IDSS
Drain-source leakage current
VDS=100 V, VGS=0 V
1
uA
Ciss
Input capacitance
VGS=0 V,
VDS=50 V,
ƒ=100 kHz
1003.9
pF
Coss
Output capacitance
185.4
pF
Crss
Reverse transfer capacitance
9.8
pF
td(on)
Turn-on delay time
VGS=10 V,
VDS=50 V,
RG=10 Ω,
ID=5 A
16.6
ns
tr
Rise time
3.8
ns
td(off)
Turn-off delay time
75.5
ns
tf
Fall time
46
ns
Qg
Total gate charge
ID=5 A,
VDS=50V,
VGS=10V
16.2
nc
Qgs
Gate-source charge
2.8
nc
Qgd
Gate-drain charge
4.1
nc
Vplateau
Gate plateau voltage
3
V
IS
Diode forward current
VGS<Vth
30
A
ISP
Pulsed source current
90
A
trr
Reverse recovery time
IS=1A, di/dt=100 A/μs
49
ns
Qrr
Reverse recovery charge
61.8
nc
Irrm
Peak reverse recovery current
2.4
A
Note :
1、Calculated continuous current based on maximum allowable junction temperature.
2、Repetitive rating; pulse width limited by max. junction temperature.
3、Pd is based on max. junction temperature, using junction-case thermal resistance.
4、The value of RΘja is measured with the device mounted on 1 in 2 FR-4 board with 2oz. Copper, in a still air environment
with Ta=25 °C.
5、VDD=50 V, RG=25 Ω, L=0.3 mH, starting Tj=25 °C.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com