Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP40N02NF Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP40N02NF
Description  20V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP40N02NF Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP40N02NF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP40N02NF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP40N02NF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP40N02NF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP40N02NF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP40N02NF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP40N02NF Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP40N02NF
20V N-Channel Enhancement Mode MOSFET
AP40N02NF REV1.0
永源微電子科技有限公司
Description
The AP40N02NF uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 2.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = 20V ID =40A
RDS(ON) < 9mΩ @ VGS=4.5V (Type:7.0mΩ)
Application
3.3V MCU Drive
Load switch
Uninterruptible power supply
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP40N02NF
PDFN5X6-8L
AP40N02NF XXX YYYY
5000
Absolute Maximum Ratings (TC=25
℃unless otherwise noted)
Symbol
Parameter
Max.
Units
VDSS
Drain-Source Voltage
20
V
VGSS
Gate-Source Voltage
±12
V
ID@TA=25℃
Continuous Drain Current, VGS @ 4.5V
40
A
ID@TA=70℃
Continuous Drain Current, VGS @ 4.5V
25
A
IDM
Pulsed Drain Current note1
110
A
IAS
Avalanche Current
38
A
EAS
Single Pulsed Avalanche Energy note2
130
mJ
PD@TA=25℃
Power Dissipation
37
W
TJ, TSTG
Operating and Storage Temperature Range
-55 to +175
℃
RθJA
Thermal Resistance Junction-Ambient 1
85
℃/W
RθJC
Thermal Resistance, Junction to Case
4.8
℃
/W


Similar Part No. - AP40N02NF

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP40N02DF APME-AP40N02DF Datasheet
950Kb / 7P
20V N-Channel Enhancement Mode MOSFET
REV1.0
More results

Similar Description - AP40N02NF

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN2A01F ZETEX-ZXMN2A01F Datasheet
85Kb / 4P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2320 TSC-TSM2320 Datasheet
263Kb / 5P
20V N-Channel Enhancement Mode MOSFET
TSM2832 TSC-TSM2832 Datasheet
170Kb / 5P
20V N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTN2302N3 CYSTEKEC-MTN2302N3 Datasheet
212Kb / 5P
20V N-CHANNEL Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXMN2A01E6 ZETEX-ZXMN2A01E6_06 Datasheet
198Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN2300N3 CYSTEKEC-MTN2300N3 Datasheet
476Kb / 5P
20V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXM62N02E6 DIODES-ZXM62N02E6 Datasheet
192Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
JUNE 2004
ZXMN2A01F DIODES-ZXMN2A01F Datasheet
223Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
FEBRUARY 2006
ZXMN2A03E6 DIODES-ZXMN2A03E6 Datasheet
203Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
SEPTEMBER 2005
logo
Cystech Electonics Corp...
MTA090N02KC3 CYSTEKEC-MTA090N02KC3 Datasheet
395Kb / 8P
20V N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com