Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP40N03DF Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP40N03DF
Description  30V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP40N03DF Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP40N03DF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP40N03DF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP40N03DF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP40N03DF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP40N03DF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP40N03DF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP40N03DF Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP40N03DF
30V N-Channel Enhancement Mode MOSFET
AP40N03DF REV1.1
永源微電子科技有限公司
Description
The AP40N03DF uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 4.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = 30V ID =40A
RDS(ON) < 17mΩ @ VGS=10V (Type:12.5mΩ)
Application
VBUS
Wireless impact
Mobile phone fast charging
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP40N03DF
PDFN3*3-8L
AP40N03DF XXX YYYY
5000
Absolute Maximum Ratings (TC=25
℃unless otherwise noted)
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
30
V
VGS
Gate-Source Voltage
±20
V
ID@TC=25℃
Continuous Drain Current, VGS @ 10V1
40
A
ID@TC=100℃
Continuous Drain Current, VGS @ 10V1
18
A
IDM
Pulsed Drain Current2
160
A
EAS
Single Pulse Avalanche Energy3
18
mJ
IAS
Avalanche Current
18
A
PD@TC=25℃
Total Power Dissipation4
26
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
RθJA
Thermal Resistance Junction-ambient 1
85
℃
/W
RθJC
Thermal Resistance Junction-Case1
4.8
℃
/W


Similar Part No. - AP40N03DF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP40N03GJ-HF A-POWER-AP40N03GJ-HF Datasheet
102Kb / 4P
Fast Switching Characteristic RoHS Compliant & Halogen-Free
AP40N03GP A-POWER-AP40N03GP Datasheet
106Kb / 4P
Low Gate Charge Simple Drive Requirement
logo
VBsemi Electronics Co.,...
AP40N03GP VBSEMI-AP40N03GP Datasheet
982Kb / 7P
N-Channel 30-V (D-S) MOSFET
logo
Advanced Power Electron...
AP40N03GP-HF A-POWER-AP40N03GP-HF_14 Datasheet
100Kb / 4P
Simple Drive Requirement
AP40N03GP-HF A-POWER-AP40N03GP-HF_16 Datasheet
56Kb / 5P
Fast Switching Characteristic
More results

Similar Description - AP40N03DF

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN3A01E6 ZETEX-ZXMN3A01E6 Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A01F ZETEX-ZXMN3A01F Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A14F ZETEX-ZXMN3A14F Datasheet
209Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3400N3 CYSTEKEC-MTN3400N3 Datasheet
657Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN3024LSS DIODES-DMN3024LSS Datasheet
311Kb / 8P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3K14N3 CYSTEKEC-MTN3K14N3 Datasheet
625Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
MTN3K16N3 CYSTEKEC-MTN3K16N3 Datasheet
518Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
MTN351AN3 CYSTEKEC-MTN351AN3 Datasheet
474Kb / 5P
30V N-CHANNEL Enhancement Mode MOSFET
MTN3K01N3 CYSTEKEC-MTN3K01N3 Datasheet
319Kb / 8P
30V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXM64N03X DIODES-ZXM64N03X Datasheet
337Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
OCTOBER 2005
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com