Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP40N03DF Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP40N03DF
Description  30V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP40N03DF Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP40N03DF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP40N03DF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP40N03DF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP40N03DF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP40N03DF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP40N03DF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP40N03DF Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP40N03DF
30V N-Channel Enhancement Mode MOSFET
AP40N03DF REV1.1
永源微電子科技有限公司
Electrical Characteristics (TC=25℃unless otherwise noted)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-Source Breakdown Voltage
ID=250µA, VGS=0V
30
-
-
V
IDSS
Zero Gate Voltage Drain Current
VDS=30V, VGS=0V
-
-
1.0
µA
IGSS
Gate-Body Leakage Current
VDS=0V, VGS=±20V
-
-
±100
nA
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=250µA
1.2
1.7
2.2
V
RDS(ON)
Static Drain-Source ON-Resistance(4)
VGS=10V, ID=5.0A
-
12.5
17
mΩ
VGS=4.5V, ID=4.0A
-
20
25
mΩ
Ciss
Input Capacitance
VGS=0V, VDS=15V, f=1MHz
-
485
-
pF
Coss
Output Capacitance
-
69
-
pF
Crss
Reverse Transfer Capacitance
-
53
-
pF
Qg
Total Gate Charge
VGS=0 to 10V VDD=15V,
ID=5A
-
10
-
nC
Qgs
Gate Source Charge
-
2
-
nC
Qgd
Gate Drain("Miller") Charge
-
2
-
nC
td(on)
Turn-On DelayTime
VGS=10V, VDD=15V
ID=5A, RGEN=3Ω
-
4
-
ns
tr
Turn-On Rise Time
-
11
-
ns
td(off)
Turn-Off DelayTime
-
14
-
ns
tf
Turn-Off Fall Time
-
2
-
ns
IS
Maximum Continuous Drain to Source Diode Forward Current
-
-
5.8
A
ISM
Maximum Pulsed Drain to Source Diode Forward Current
-
-
23
A
VSD
Drain to Source Diode Forward Voltage
VGS = 0V, IS=5.8A
-
-
1.2
V
trr
Body Diode Reverse Recovery Time
IF=5A,di/dt=100A/μs
-
7.5
-
ns
Qrr
Body Diode Reverse Recovery Charge
-
2
-
nC
Note :
1、The data tested by surface mounted on a 1 inch2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width
≦ 300us , duty cycle ≦ 2%
3、The EAS data shows Max. rating . The test condition is VDD=25V,VGS=10V,L=0.1mH,IAS=10A
4、The power dissipation is limited by 150
℃ junction temperature
5、The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com