Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM9058 Datasheet(PDF) 7 Page - Mosel Vitelic, Corp

Part # MSM9058
Description  20 VOICE SMART
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MSM9058 Datasheet(HTML) 7 Page - Mosel Vitelic, Corp

Back Button MSM9058 Datasheet HTML 3Page - Mosel Vitelic, Corp MSM9058 Datasheet HTML 4Page - Mosel Vitelic, Corp MSM9058 Datasheet HTML 5Page - Mosel Vitelic, Corp MSM9058 Datasheet HTML 6Page - Mosel Vitelic, Corp MSM9058 Datasheet HTML 7Page - Mosel Vitelic, Corp MSM9058 Datasheet HTML 8Page - Mosel Vitelic, Corp MSM9058 Datasheet HTML 9Page - Mosel Vitelic, Corp MSM9058 Datasheet HTML 10Page - Mosel Vitelic, Corp MSM9058 Datasheet HTML 11Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MOSEL VITELIC
MSu001/u001T
7/12
PID219D 02/96
Timing Diagram
I. Addressing 6 - bit
AUDIO
BUSY
EB2
TG5(IOB2)
Low
TG4(IOB1)
Low
TG3(IOA4)
TG2(IOA3)
TG1(IOA2)
TG0(IOA1)
S06
S09
AUDIO
BUSY
II. PWR Signal
PWR
TWB
TWA
TH
TW
One portion of the program to play a sound
CLRM 4h
; #EB2 Low
OUT
PA , R5 ;
OUT
PB , R6 ;
SETM 4h
; #EB2 High
1. When PWR is high , MSu001 audio output signal will stay at approx. 2.4V even there is no audio output .
2. When PWR is low , MSu001 audio output signal will stay at GND level when there is no audio output .
3. For eliminating the "pop" noise purpose , PWR should be at high level when a sound section is played
over , and also at high level in between two sound sections .
4. For energy saving purpose , PWR should not always stay at high level , since there will be a hundred-mA
current consumption when PWR is high . So it should go to low level when its not needed .
TS
StandardCode LineUp
MSSu001-066 Mandarin talking watch/clock
MSSu001-068 English talking watch/clock
MSSu001-078 Russian talking calculator
MSSu001-090 Mandarin talking calculator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com