Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM9058 Datasheet(PDF) 1 Page - Mosel Vitelic, Corp

Part # MSM9058
Description  20 VOICE SMART
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MSM9058 Datasheet(HTML) 1 Page - Mosel Vitelic, Corp

  MSM9058 Datasheet HTML 1Page - Mosel Vitelic, Corp MSM9058 Datasheet HTML 2Page - Mosel Vitelic, Corp MSM9058 Datasheet HTML 3Page - Mosel Vitelic, Corp MSM9058 Datasheet HTML 4Page - Mosel Vitelic, Corp MSM9058 Datasheet HTML 5Page - Mosel Vitelic, Corp MSM9058 Datasheet HTML 6Page - Mosel Vitelic, Corp MSM9058 Datasheet HTML 7Page - Mosel Vitelic, Corp MSM9058 Datasheet HTML 8Page - Mosel Vitelic, Corp MSM9058 Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MOSEL VITELIC
1/12
PID219D 02/96
MSu001/u001T
20" VOICE SMART
Block Diagram
OSC
C out
General Description
The MSu001 is a monolithic talking microcomputer that can memorize voice up to 22 seconds using
MOSEL qualified coding method(MPCM). It's an integration of traditional 4-bit microcomputer and voice
chip
with
minimal
external
components.
LCD
driver
and
miscellaneous
interface
are
provided for
versatile applications. With more than 10K ROM/RAM inside,
this chip meets every intelligent novelty.
Customer requested function and voice data will be built in by changing masks during fabrication.
CAP
X1
X2
TIMER
CIRCUIT
PROGRAM
/DATA
ROM
DATA
RAM
BUZZER
&
LOGICS
CPU
VOICE
DATA
ROM
LCD
DRIVER
MPCM
DECODER
CURRENT
BUFFER
BUZZER
BUFFER
Vout1
Vout2
TEST
TESTA
TESTP
TESTN
RES
VBZ/INT
CUP1,2
S1,2,3,4
M1,2,3,4
P1,2,3,4
IOB3,4
EB2
PWR
COM1-3
SEG1-25
BAK
Vdd
Vss0-3
February 1996


Similar Part No. - MSM9058

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSM9058 MOSEL-MSM9058 Datasheet
16Kb / 1P
ICE (In-Circuit Emulator) Card of U001
More results

Similar Description - MSM9058

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU3022 MOSEL-MSU3022 Datasheet
63Kb / 1P
60/90/120 Voice Smart
MSU3022 MOSEL-MSU3022 Datasheet
112Kb / 1P
60 Voice smart with LCD
MSU3032 MOSEL-MSU3032 Datasheet
112Kb / 1P
90 Voice Smart with LCD
MSU3122 MOSEL-MSU3122 Datasheet
112Kb / 1P
LCD-less 60 Voice smart
MSU3132 MOSEL-MSU3132 Datasheet
111Kb / 1P
LCD-less 90 Voice Smart
MSU3142 MOSEL-MSU3142 Datasheet
111Kb / 1P
LCD-less 120 Voice Smart
MSU7001 MOSEL-MSU7001 Datasheet
20Kb / 1P
OTP of 20 Voice Smart
logo
Aplus Intergrated Circu...
API8208A APLUS-API8208A Datasheet
174Kb / 10P
VERSATILE 20 SEC INSTANT VOICE ROM
logo
Integrated Silicon Solu...
IS22C022 ISSI-IS22C022 Datasheet
65Kb / 11P
VERSATILE 20 SEC INSTANT VOICE ROM
logo
List of Unclassifed Man...
APL8208 ETC-APL8208 Datasheet
2Mb / 10P
VERSATILE 20 SEC INSTANT VOICE ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com