Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIPI-CSI Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MIPI-CSI
Description  Evaluation Kit Based on i.MX 8M Quad Applications Processors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MIPI-CSI Datasheet(HTML) 2 Page - NXP Semiconductors

  MIPI-CSI Datasheet HTML 1Page - NXP Semiconductors MIPI-CSI Datasheet HTML 2Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
i.MX 8M QUAD EVK CONTENTS
}
i.MX 8M Quad EVK board
}
Power supply
}
Quick Start Guide
}
USB 3.0 Type C to Type A
}
USB 2.0 Type A to Type Micro
SOFTWARE AND TOOLS
The i.MX 8M Quad EVK comes pre-installed with a boot
image flashed on one eMMC memory. Android, Linux OS and
FreeRTOS board support packages are also offered. Additional
information can be found at www.nxp.com/iMX8MQuadEVK.
NXP and the NXP logo are trademarks of NXP B.V. All other product or service names are the property of their
respective owners. Arm, Cortex and Keil are registered trademarks of Arm Limited (or its subsidiaries) in the EU and/
or elsewhere. Mbed is a trademark of Arm Limited (or its subsidiaries) in the EU and/or elsewhere. All rights reserved.
© 2018 NXP B.V.
Document Number: IMX8MQUADEVKFS REV 0
www.nxp.com//iMX8MQuadEVK and imxcommunity.org
i.MX 8M Quad EVK
i.MX 8M QUAD EVK FEATURES
Board
Processor
• i.MX 8M Quad applications processor
• 4x Arm Cortex-A53 @ 1.5GHz
• 1 MB L2 cache
• Arm Cortex-M4 @ 266 MHz
Power
Management
• NXP PMIC PF4210
Memory
• LPDDR4 x32 @3200MT w/4 GB
• eMMC 5.0 w/16 GB
• MicroSD connector
• QSPI w/256 Mb
Display/Camera
Connectors
• HDMI 2.0a Type-A connector
• MIPI-CSI Camera mini-SAS connector
• MIPI-DSI Display mini-SAS connector
Wireless
• Bluetooth 4.1/EDR
• WiFi 802.11 a/b/g/n/ac MIMO 2x2
• Onboard chip antenna
• External antenna connector
Audio
• Audio DAC 24-bit 192 kHz Stereo
• HP Jack 3.5 mm audio connector
• Board expansion connector for audio interfaces
Connectivity
• 10/100/1000 Ethernet
• USB 3.0 Type A connector
• USB 3.0 Type C connector
• PCIe M.2 interface
• Infrared
Debug
• JTAG connector
• UART via USB
Tools and OS
support
• Linux
• Android
• FreeRTOS
i.MX 8M Quad EVK Accessory Boards
Description
Part Number
Photo
MIPI-DSI OLED
Display
Coming soon
MIPI-DSI to
HDMI Adapter
IMX-MIPI-HDMI
MIPI-CSI Camera
MINISASTOCSI
i.MX 8M Quad
Audio Board
MCIMX8M-AUDIO



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com